Electronic Components Datasheet Search
  English  ▼

X  

IS2064 Datasheet(PDF) 32 Page - Microchip Technology

Part # IS2064
Description  Generic access service
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS2064 Datasheet(HTML) 32 Page - Microchip Technology

Back Button IS2064 Datasheet HTML 28Page - Microchip Technology IS2064 Datasheet HTML 29Page - Microchip Technology IS2064 Datasheet HTML 30Page - Microchip Technology IS2064 Datasheet HTML 31Page - Microchip Technology IS2064 Datasheet HTML 32Page - Microchip Technology IS2064 Datasheet HTML 33Page - Microchip Technology IS2064 Datasheet HTML 34Page - Microchip Technology IS2064 Datasheet HTML 35Page - Microchip Technology IS2064 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 74 page
background image
IS2062/64
DS60001409A - Page 32
Advance Information
 2016 Microchip Technology Inc.
6.4
General Purpose I/O Pins
The IS2062 SoC provides 10 GPIOs and the IS2064
SoC provides 15 GPIOs, and these GPIOs can be con-
figured using the UI tool. Table 6-2 through Table 6-5
provide the GPIO configuration details of the IS2062/64
SoC.
The MFB pin must be configured as the power on/off
key and the remaining pins can be configured for any
one of the default functions as provided in Table 6-2
and Table 6-3.
Some pins can be configured to indicate or control the
external devices. The most popular applications are
NFC for easy pairing and Buzzer for indication and
external audio amplifier for loud speaker.
TABLE 6-2:
IS2062 I/O PIN
CONFIGURATION
I/O Pin Name
Default Functions
MFB
Power on/off
P0_2
Play/Pause
P2_7
Volume Up
P0_5
Volume Down
P0_1
FWD
P0_3
REV
TABLE 6-3:
IS2064 I/O PIN
CONFIGURATION
I/O Pin Name
Default Functions
MFB
Power on/off
P0_2
Play/Pause
P2_7
Volume Up
P0_5
Volume Down
P3_3
FWD
P3_1
REV
TABLE 6-4:
IS2062 I/O PIN (FOR
ADDITIONAL FUNCTIONS)
I/O Configurable
Features
Functions
P1_5
Slide switch
P0_4
NFC detect
P0_4 / P1_5
External AMP enable
TABLE 6-5:
IS2064 I/O PIN FOR ADDED
FUNCTIONS
I/O Configurable
Features
Functions
P1_5
Slide switch
P0_4
NFC detect
P0_4 / P1_5
External AMP enable
IS2062_64.book Page 32 Monday, May 16, 2016 6:05 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com