Electronic Components Datasheet Search
  English  ▼

X  

IS2064 Datasheet(PDF) 37 Page - Microchip Technology

Part # IS2064
Description  Generic access service
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS2064 Datasheet(HTML) 37 Page - Microchip Technology

Back Button IS2064 Datasheet HTML 33Page - Microchip Technology IS2064 Datasheet HTML 34Page - Microchip Technology IS2064 Datasheet HTML 35Page - Microchip Technology IS2064 Datasheet HTML 36Page - Microchip Technology IS2064 Datasheet HTML 37Page - Microchip Technology IS2064 Datasheet HTML 38Page - Microchip Technology IS2064 Datasheet HTML 39Page - Microchip Technology IS2064 Datasheet HTML 40Page - Microchip Technology IS2064 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 74 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS60001409A - Page 37
IS2062/64
8.0
ELECTRICAL CHARACTERISTICS
This section provides an overview of the IS2062/64 stereo audio SoC electrical characteristics. Additional information
will be provided in future revisions of this document as it becomes available.
Absolute maximum ratings for the IS2062/64 devices are listed below. Exposure to these maximum rating conditions
for extended periods may affect device reliability. Functional operation of the device at these or any other conditions,
above the parameters indicated in the operation listings of this specification, is not implied.
Absolute Maximum Ratings
Ambient temperature under bias...............................................................................................................-20°C to +70°C
Storage temperature ..............................................................................................................................-65°C to +150°C
Digital core supply voltage VDD_CORE .................................................................................................... 0V to +1.35V
RF supply voltage VCC_RF ....................................................................................................................... 0V to +1.35V
SAR ADC supply voltage SAR_VDD ........................................................................................................... 0V to +2.1V
Codec supply voltage VDDA/VDDAO ........................................................................................................... 0V to +3.3V
I/O supply voltage VDD_IO ........................................................................................................................... 0V to +3.6V
Buck supply voltage BK_VDD....................................................................................................................... 0V to +4.3V
Supply voltage LDO31_VIN .......................................................................................................................... 0V to +4.3V
Battery input voltage BAT_IN ........................................................................................................................ 0V to +4.3V
Adapter input voltage ADAP_IN....................................................................................................................... 0V to +7V
Note:
Stresses listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is
a stress rating only. The functional operation of the device at those or any other conditions and those indi-
cated in the operation listings of this specification, is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.
IS2062_64.book Page 37 Monday, May 16, 2016 6:05 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com