Electronic Components Datasheet Search
  English  ▼

X  

IS2064 Datasheet(PDF) 24 Page - Microchip Technology

Part # IS2064
Description  Generic access service
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS2064 Datasheet(HTML) 24 Page - Microchip Technology

Back Button IS2064 Datasheet HTML 20Page - Microchip Technology IS2064 Datasheet HTML 21Page - Microchip Technology IS2064 Datasheet HTML 22Page - Microchip Technology IS2064 Datasheet HTML 23Page - Microchip Technology IS2064 Datasheet HTML 24Page - Microchip Technology IS2064 Datasheet HTML 25Page - Microchip Technology IS2064 Datasheet HTML 26Page - Microchip Technology IS2064 Datasheet HTML 27Page - Microchip Technology IS2064 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 74 page
background image
IS2062/64
DS60001409A - Page 24
Advance Information
 2016 Microchip Technology Inc.
FIGURE 5-2:
LED DRIVER
5.6
Under Voltage Protection
When the SYS_PWR pin voltage drops below 2.9V,
the system will shut-down automatically.
5.7
Ambient Detection
The IS2062/64 SoC has a built-in ADC for charger ther-
mal protection.
Figure 5-3 illustrates the suggested circuit and
thermistor, Murata NCP15WF104F. The charger
thermal protection can avoid battery charge in
restricted temperature range. The upper and lower
limits for temperature values are configured by using
the UI tool.
FIGURE 5-3:
AMBIENT DETECTION
Note:
LED3 is only applicable for the IS2064 SoC.
Note:
Thermistor should be placed close to the
battery in the user application for accurate
temperature measurements and to enable
thermal shutdown feature.
IS2062_64.book Page 24 Monday, May 16, 2016 6:05 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com