Electronic Components Datasheet Search
  English  ▼

X  

IS2064 Datasheet(PDF) 18 Page - Microchip Technology

Part # IS2064
Description  Generic access service
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS2064 Datasheet(HTML) 18 Page - Microchip Technology

Back Button IS2064 Datasheet HTML 14Page - Microchip Technology IS2064 Datasheet HTML 15Page - Microchip Technology IS2064 Datasheet HTML 16Page - Microchip Technology IS2064 Datasheet HTML 17Page - Microchip Technology IS2064 Datasheet HTML 18Page - Microchip Technology IS2064 Datasheet HTML 19Page - Microchip Technology IS2064 Datasheet HTML 20Page - Microchip Technology IS2064 Datasheet HTML 21Page - Microchip Technology IS2064 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 74 page
background image
IS2062/64
DS60001409A - Page 18
Advance Information
 2016 Microchip Technology Inc.
2.3
Auxiliary Port
The IS2062/64 SoC supports one analog (line-in) sig-
nal from external audio source. The analog (line-in) sig-
nal can be processed by the DSP to generate different
sound effects, multi-band dynamic range compression
and audio widening, which can be setup by using the
DSP tool.
2.4
Analog Speaker Output
The IS2062/64 SoC supports the following speaker
output modes:
• Capless mode — Recommended for headphone
applications in which capless output connection
helps to save the BOM cost by avoiding a large
DC blocking capacitor. Figure 2-7 illustrates the
analog speaker output Capless mode.
• Single-ended mode — Used for driving an exter-
nal audio amplifier where a DC blocking capacitor
is required. Figure 2-8 illustrates the analog
speaker output Single-Ended mode.
FIGURE 2-7:
ANALOG SPEAKER OUTPUT CAPLESS MODE
FIGURE 2-8:
ANALOG SPEAKER OUTPUT SINGLE-ENDED MODE
IS2062_64.book Page 18 Monday, May 16, 2016 6:05 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com