Electronic Components Datasheet Search
  English  ▼

X  

IS2064 Datasheet(PDF) 14 Page - Microchip Technology

Part # IS2064
Description  Generic access service
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS2064 Datasheet(HTML) 14 Page - Microchip Technology

Back Button IS2064 Datasheet HTML 10Page - Microchip Technology IS2064 Datasheet HTML 11Page - Microchip Technology IS2064 Datasheet HTML 12Page - Microchip Technology IS2064 Datasheet HTML 13Page - Microchip Technology IS2064 Datasheet HTML 14Page - Microchip Technology IS2064 Datasheet HTML 15Page - Microchip Technology IS2064 Datasheet HTML 16Page - Microchip Technology IS2064 Datasheet HTML 17Page - Microchip Technology IS2064 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 74 page
background image
IS2062/64
DS60001409A - Page 14
Advance Information
 2016 Microchip Technology Inc.
Legend:
I= Input pin
O= Output pin
I/O= Input/Output pin
P= Power pin
Note:
These pins can be configured using the UI tool.
52
P
VCC_RF
RF power input for both synthesizer and Tx/Rx block
53
I/O
RTX
RF path (transmit/receive)
54
I/O
P3_1
Configurable control or indication pin
(Internally pulled up if configured as an input)
REV key when Class 1 RF (default), active-low
55
I/O
P3_3
Configurable control or indication pin
(Internally pulled up if configured as an input)
FWD key when class 1 RF (default), active-low
56
I/O
P3_6
Configurable control or indication pin
(Internally pulled up if configured as an input)
Multi-SPK Master/Slave mode control (FW dependent)
57
I/O
P0_2
Configurable control or indication pin
(Internally pulled up if configured as an input)
Play/Pause key as the default setting
58
I/O
P2_0
System configuration pin along with the EAN and P2_4
pins can be used to set the SoC in any one of the fol-
lowing modes:
• Application mode (for normal operation),
• Test mode (to change EEPROM values), and
• Write Flash mode (to load a new firmware into the
SoC), see Table 6-1
59
I/O
P2_7
Configurable control or indication pin
(Internally pulled up if configured as an input)
Volume-up key (default)
60
I/O
P3_0
Configurable control or indication pin
(Internally pulled up if configured as an input)
AUX-In detector
61
I/O
TFS0
I2S interface: left/right clock
62
I/O
P0_5
Configurable control or indication pin
(Internally pulled up if configured as an input)
Volume down key (default)
63
P
VDD_IO
I/O power supply input (3.0V~3.6V); connect to
LDO31_VO pin
64
I/O
DR0
I2S interface: digital left/right data
65
I/O
RFS0
I2S interface: left/right clock
66
I/O
SCLK0
I2S interface: bit clock
67
I/O
DT0
I2S interface: digital left/right data
68
O
AOHPR
Headphone output, right channel
69-83
P
EP
Exposed pads, Used as ground (GND) pins
TABLE 1-3:
IS2064 SOC PIN DESCRIPTIONS (CONTINUED)
Pin No
Pin Type
Name
Description
IS2062_64.book Page 14 Monday, May 16, 2016 6:05 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com