Electronic Components Datasheet Search
  English  ▼

X  

ALC202 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # ALC202
Description  AC??7 Audio CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ALC202 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button ALC202 Datasheet HTML 19Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 20Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 21Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 22Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 23Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 24Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 25Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 26Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
Preliminary
Avance Logic, Inc.
ALC202
- 23 -
Rev0.62
http://www.realtek.com.tw
6.1.3 S/PDIF output Characteristics:
Dvdd= 3.3V, Tambient=250C, with 75 ohm external load.
Parameter
Symbol
Min
Typ
Max
Units
High level output voltage
VOH
3.0
3.3
V
Low level output voltage
VOL
-
0
0.5
V
6.2 AC Timing Characteristics
6.2.1 Cold Reset:
Parameter
Symbol
Min
Typ
Max
Units
RESET# active low pulse width Trst_low
1.0
-
-
us
RESET# inactive to BIT_CLK
Startup delay
Trst2clk 162.8
-
-
ns
Fig 6.2.1-1 Cold reset timing diagram
6.2.2 Warm Reset:
Fig 6.2.2-1 Cold reset timing diagram
Parameter
Symbol
Min
Typ
Max
Units
SYNC active high pulse width Tsync_high 1.0
-
-
us
SYNC inactive to BIT_CLK
Startup delay
Tsync2clk 162.8
-
-
ns
6.2.3 AC-Link Clocks:
Fig 6.2.3-1 BIT_CLK and SYNC timing diagram
Parameter
Symbol
Min
Typ
Max
Units
BIT_CLK frequency
-
12.288
-
MHz
BIT_CLK period
Tclk_period
-
81.4
-
ns
BIT_CLK output jitter
-
-
750
ps
BIT_CLK high pulse width (note 2) Tclk_high
36
40.7
45
ns
BIT_CLK low pulse width (note 2) Tclk_low
36
40.7
45
ns
SYNC frequency
-
48.0
-
KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com