Electronic Components Datasheet Search
  English  ▼

X  

ALC202 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # ALC202
Description  AC??7 Audio CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ALC202 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button ALC202 Datasheet HTML 11Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 12Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 13Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 14Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 15Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 16Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 17Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 18Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
Preliminary
Avance Logic, Inc.
ALC202
- 15 -
Rev0.62
http://www.realtek.com.tw
software doesn’t keep the same sample rates, the S/PDIF output will be auto forbidden by hardware,
and undefined consequence may be occurred.
Extension Registers:
MX76
GPIO Setup
Default: 0000h
Bit
Type
Function
15
R/W GPIO Statue Indication in SDATA_IN
0:The status of GPIO0/GPIO1/JD and its valid tag are not indicated in
SDATA_IN.
1: The status of GPIO0/GPIO1/JD and its valid tag are indicated in SDATA_IN
14:6
Reserved
6
R/W JD (Jack-Detect) interrupt Enable (when pin-47 is used as Jack-Detect)
0: Disable 1: Enable.
A low to high transaction will trigger the JD interrupt in bit0 of SDATA_IN’s
slot-12.¶
5
R/W GPIO1 interrupt Enable (when GPIO1 is used as input)
0: Disable 1: Enable.
A low to high transaction will trigger the GPIO interrupt in bit0 of SDATA_IN’s
slot-12.
4
R/W GPIO0 interrupt Enable (when GPIO0 is used as input)
0: Disable 1: Enable.
A low to high transaction will trigger the GPIO interrupt in bit0 of SDATA_IN’s
slot-12.
3:2
Reserved
1
R/W GPIO1Primitiveness Control
0: Set GPIO1 as input pin.
1: Set GPIO1 as output pin.
0
R/W GPIO0 Primitiveness Control
0: Set GPIO0 as input pin.
1: Set GPIO0 as output pin.
Software programmer can enable JD interrupt to know the “Jack Detection” event occurs.
·
The Bit-Allocation of GPIO/JD status in AC-LINK:
*GPINT = (MX78.6 | MX78.5 | MX78.4)
MX78
GPIO Status
Default: 0000h
Bit
Type
Function
Frame Addr Data PCML PCMR
GPIO
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SYNC
SDATA-IN
(Slot-0)
SDATA-IN
(Slot-12)
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
GPIO1 GPIO0 GPINT
GPINT
JD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com