Electronic Components Datasheet Search
  English  ▼

X  

ALC202 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # ALC202
Description  AC??7 Audio CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ALC202 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button ALC202 Datasheet HTML 10Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 11Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 12Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 13Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 14Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 15Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 16Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 17Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Preliminary
Avance Logic, Inc.
ALC202
- 14 -
Rev0.62
http://www.realtek.com.tw
14
R
DRS (Double Rate S/PDIF)
ALC202 doesn’t support double rate S/PDIF, this bit is always 0.
13:12
R/W SPSR[1:0] (S/PDIF Sample Rate)
00: sample rate set to 44.1KHz , Fs[0:3]=0000
01: reserved
10: sample rate set to 48.0KHz , Fs[0:3]=0100 (default)
11: sample rate set to 32.0KHz , Fs[0:3]=1100
11
R/W LEVEL (Generation Level)
10:4
R/W CC[6:0] (Category Code)
3
R/W PRE (Preemphasis)
0 : None
1: filter preemphasis is 50/15 usec
2
R/W COPY (Copyright)
0: Not asserted
1: Asserted
1
R/W /AUDIO (Non-Audio Data type)
0: PCM data
1: AC3 or other digital non-audio data
0
R
PRO (Professional or Consumer format)
0: consumer format 1: professional format
ALC202 supports consumer channel status format, this bit is always 0.
Ê
The consumer channel status block (bit0~bit31):
0
1
2
3
4
5
6
7
PRO=0 /AUDIO COPY
PRE
0
0
0
0
8
9
10
11
12
13
14
15
CC0
CC1
CC2
CC3
CC4
CC5
CC6
LEVEL
16
17
18
19
20
21
22
23
0
0
0
0
0
0
0
0
24
25
26
27
28
29
30
31
Fs0
Fs1
Fs2
Fs3
0
0
0
0
Vendor Define Registers:
MX6A
Miscellaneous Control
Default: 0000h
Bit
Type
Function
15:14
Reserved.
13
R/W DAC PCM(n+1) Slot# Select (When DRA=1)
0: PCM(n+1) captured from Slot-10/11. (Default in AC’97 rev2.2)
1: PCM(n+1) captured from Slot-7/8.
12
R/W S/PDIF SourceŒ
0: S/PDIF data is from controller (default)
1: S/PDIF data is from ADC
11:4
Reserved
3
R/W SPDIF Out Volume Control – Mute Bit
0: Normal
1: Clamp SPDIF output data to 0. (Mute)
2:0
R/W SPDIF Out Volume Control – in 6 dB Step Attenuation ·
000: 0dB
001: - 6dB
010: -12dB
…
111: -42dB
Œ
The default source of S/PDIF output is data sent by controller. When this bit is set, S/PDIF data
comes from ALC202’s ADC. To keep data concurrence, software must guarantee the sample rates
in MX32 and MX3A[13:12] are the same. SPCV is no more a validity for S/PDIF configuration. If



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com