Electronic Components Datasheet Search
  English  ▼

X  

ALC202 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # ALC202
Description  AC??7 Audio CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ALC202 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button ALC202 Datasheet HTML 21Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 22Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 23Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 24Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 25Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 26Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 27Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 28Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 29Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Preliminary
Avance Logic, Inc.
ALC202
- 26 -
Rev0.62
http://www.realtek.com.tw
6.2.8 AC-Link IO Pin Capacitance and Loading:
Output Pin
1 Codec
2 Codec
3 Codec
4 Codec
BIT_CLK (must support ³ 2 Codecs)
55pF
62.5pF
75pF
85pF
SDATA_IN
47.5pF
55pF
60pF
62.5pF
6.2.9 SPDIF output:
SPDIF_OUT
Min
Typ
Max
Unit
Rise time/fall time
0
10
%
Duty cycle
45
55
%
Note :
T(h)
T(l)
T(r)
T(f)
90%
50%
10%
Rise time = 100 * T(r)/ (T(l)+ T(h))%
Fall time = 100 * T(f)/ (T(l)+ T(h))%
Duty cycle = 100 * T(h)/ (T(l)+ T(h))%
6.2.10 BIT-CLK and SDATA-IN state when RESET# is active:
When RESET# is active the BIT-CLK and SDATA-IN must be floating by internal pull low 100K
resistors. So the ac-link signals are driven by another AC’97 on CNR board. This requirement is not
mentioned in AC’97 specification rev2.1, please refer CNR (Communication Network Riser)
specification rev1.0 page23~25 to get detail information.
7. Analog Performance Characteristics
Standard test conditions: Tambient=250C, Dvdd=3.3V ±5%,Avdd=5.0V±5%
1KHz input sine wave; Sampling frequency=48KHz; 0dB=1Vrms
10KW/50pF load; Test bench Characterization BW: 10Hz~22KHz
0dB attenuation; tone and 3D disabled
Parameter
Min
Typ
Max
Units
Full scale input voltage
Line inputs (Mixers)
Line inputs (A/D)
Mic input (0 dB)
Mic input (20 dB boost)
-
-
-
-
1.6
1.2
1.6
0.16
-
-
-
-
Vrms
Full scale output voltage
LINE-OUT
HEADPHONE-OUT
-
-
1.0
1.7
1.50
-
Vrms
Vrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com