Electronic Components Datasheet Search
  English  ▼

X  

ALC202 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # ALC202
Description  AC??7 Audio CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ALC202 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button ALC202 Datasheet HTML 13Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 14Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 15Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 16Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 17Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 18Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 19Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 20Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
Preliminary
Avance Logic, Inc.
ALC202
- 17 -
Rev0.62
http://www.realtek.com.tw
4
R/W HP-OUT Control
0: Normal
1: HP-OUT is auto muted by H/W when JDS=1
3
R/W MONO-OUT Control
0: Normal
1: MONO-OUT is auto muted by H/W when JDS=1
2
R/W SPDIF Output Gating
0: SPDIF output is not gated with JDS.
1: SPDIF output is gated with JDS.
1
R
Jack-Detect status (JDS)
0: JD is pull low
1: JD is floating or pull high
This bit always indicates the JD pin status after power on.
0
R/W LINE-OUT Control
0: Normal
1: LINE-OUT is auto muted by H/W when JDS=1
MX7C
VENDOR ID1
Default : 414CH
Bit
Type
Function
15:0
R
Vendor ID “AL”
MX7E
VENDOR ID2
Default : 4740H
Bit
Type
Function
15:8
R
Vendor ID “G”
7:4
R
Chip ID 0100 (ALC202)
3:0
R
Version number 00: version A.
For WHQL issue, The version number is always 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com