Electronic Components Datasheet Search
  English  ▼

X  

ALC202 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # ALC202
Description  AC??7 Audio CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ALC202 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button ALC202 Datasheet HTML 14Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 15Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 16Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 17Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 18Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 19Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 20Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 21Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Preliminary
Avance Logic, Inc.
ALC202
- 18 -
Rev0.62
http://www.realtek.com.tw
5. Design Suggestion
5.1 Clocking
The clock source of different configuration is listed below:
CODEC ID[1..0]
BIT-CLK
(12.288MHz)
Clock source
00
Output
24.576M/14.318M crystal or external clock
source input from XTAL-IN*
01
Input
12.288MHz clock input from BIT-CLK
10
Input
12.288MHz clock input from BIT-CLK
11
Input
12.288MHz clock input from BIT-CLK
*The default clock source should be decided by XTLSEL, once 14.318MHz clock is selected,
internal digital PLL transfers it into 24.576MHz clock.
5.2 AC-Link
When ALC202 take serial data from AC97 controller, it sample SDATA_OUT on the falling
edge of BIT_CLK .When ALC202 send serial data to AC97 controller, it start to drive SDATA_IN on
the rising edge of BIT_CLK.
ALC202 will return any uninstalled bits or registers with 0 for read operation.. ALC202 also
stuff the unimplemented slot or bit with 0 in SDATA-IN. Note that AC-LINK is MSB-justified.
Refer to “
Audio CODEC ’97 Component Specification Revision 2.1/2.2” for detail.
0
1
2
3
4
5
6
7
8
9
10
11
12
TAG CMD DATA PCM
L
PCMR
SPDIF
L
SPDIF
R
TAG ADDR DATA PCM
L
PCMR
Fig5.2-1 Default ALC202 slot arrangement – CODEC ID = 00
0
1
2
3
4
5
6
7
8
9
10
11
12
TAG CMD DATA
SPDIF
L
PCM
L
PCMR SPDIF
R
TAG ADDR DATA PCM
L
PCMR
Fig5.2-2 Default ALC202 slot arrangement – CODEC ID = 01, 10
0
1
2
3
4
5
6
7
8
9
10
11
12
TAG CMD DATA
PCM
L
PCMR SPDIF
L
SPDIF
R
TAG ADDR DATA PCM
L
PCMR
Slot#
SYNC
SDATA-OUT
SDATA-IN
Slot#
SYNC
SDATA-OUT
SDATA-IN
Slot#
SYNC
SDATA-OUT
SDATA-IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com