Electronic Components Datasheet Search
  English  ▼

X  

ALC202 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # ALC202
Description  AC??7 Audio CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ALC202 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button ALC202 Datasheet HTML 21Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 22Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 23Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 24Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 25Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 26Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 27Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 28Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 29Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
Preliminary
Avance Logic, Inc.
ALC202
- 27 -
Rev0.62
http://www.realtek.com.tw
Analog to Analog S/N
CD to LINE-OUT
Other to LINE-OUT
-
-
95
95
-
-
dB
Analog frequency response
16
-
22,000
Hz
S/N (A-weighted)
D/A
A/D
-
-
90
90
-
-
dB
Total Harmonic Distortion (A-weighted)
D/A
A/D
-
-
-85
-85
-
-
dB
D/A & A/D frequency response
20
-
19,200
Hz
Transition Band
19,200
-
28,800
Hz
Stop Band
28,800
-
¥
Hz
Stop Band Rejection
-75
-
-
dB
Out-of-Band Rejection
-
-65
-
dB
Group delay
-
-
1
ms
Power Supply Rejection
-
-65
-
dB
MIC Amplifier 20dB Gain
18
20
22
dB
Master Volume (Mono,Stereo) : 32 step
Step Size
Attenuation Control Range
-
0
1.5
-
-
46.5
dB
dB
PC Beep Volume : 16 step
Step Size
Attenuation Control Range
-
0
3.0
-
-
45
dB
dB
Analog Mixer Volume : 32 step
Step Size
Gain Control Range
-
-34.5
1.5
-
-
+12
dB
dB
Record Gain : 16 step
Step Size
Gain Control Range
-
0
1.5
-
-
+22.5
dB
dB
Input impedance (gain = 0dB, mixer = off)
LINE-IN
CD-IN, AUX-IN, VIDEO-IN, MIC-IN
PCBEEP, PHONE
64
32
16
KW
KW
KW
Analog Output Impedance (LINE-OUT)
10
W
Analog Output Impedance (HP-OUT)
10
W
Power Supply Current
VA=5.0v,
VD=3.3v
60
10
-
70
mA
mA
Power Down Current
VA=5.0v
VD=3.3v
-
500
1000
uA
uA
Vrefout
-
2.50
-
V
Vrefout Drive Current
8
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com