Electronic Components Datasheet Search
  English  ▼

X  

ALC202 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # ALC202
Description  AC??7 Audio CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ALC202 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button ALC202 Datasheet HTML 15Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 16Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 17Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 18Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 19Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 20Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 21Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 22Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
Preliminary
Avance Logic, Inc.
ALC202
- 19 -
Rev0.62
http://www.realtek.com.tw
Fig5.2-3 Default ALC202 slot arrangement – CODEC ID = 11
5.3 Reset
There are 3 kinds of reset operation. Cold, Warm and Register reset which listed below:
Reset Type
Trigger condition
CODEC response
Cold
Assert RESET# for a specified period Reset all hardware logic and all registers
to its default value.
Register
Write register indexed 00h
Reset all registers to its default value.
Warm
Driven SYNC high for specified period
without BIT_CLK
Reactivates AC-LINK, no change to
register values.
The AC97 controller should drive SYNC and SDATA-OUT low during the period of RESET# assertion to guarantee
ALC202 reset successfully.
5.4 CD Input
Pay attention to differential CD input. Below is an example of differential CD input.
Fig 5.4-1 Example of differential CD input
5.5 Odd Addressed Register Access
ALC202 will return “0000h” when those odd-addressed registers and unimplemented registers
are read.
5.6 Power-down Mode
Pay special attention to power down control register (index 26h), especially PR4 (powerdown
AC-link).
5.7 Test Mode
5.7.1 ATE In Circuit Test Mode:
SDATA_OUT is sampled high at the trailing edge of RESET#. At this mode ALC202 will drive
BIT_CLK, SDATA_IN, EAPD and SPDIFO to high impedance.
5.7.2 Vendor Specific Test Mode:
SYNC is sampled high at the trailing edge of RESET#. At this mode ALC202 will drive BIT_CLK,
SDATA_IN, EAPD and SPDIFO to high impedance.
Note: To make the most compatibility with AC’97 rev2.2, ALC202 will float its digital output pins in
both ATE and Vendor-Specific test mode. Please refer to AC’97 rev2.2 section 9.2 for detail
description about test mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com