Electronic Components Datasheet Search
  English  ▼

X  

ALC202 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # ALC202
Description  AC??7 Audio CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ALC202 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button ALC202 Datasheet HTML 20Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 21Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 22Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 23Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 24Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 25Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 26Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 27Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Preliminary
Avance Logic, Inc.
ALC202
- 24 -
Rev0.62
http://www.realtek.com.tw
SYNC period
Tsync_period
-
20.8
-
us
SYNC high pulse width
Tsync_high
-
1.3
-
us
SYNC low pulse width
Tsync_low
-
19.5
-
us
Note 1: Worse case duty cycle restricted to 45/55.
6.2.4 Data Output and Input Times:
Fig 6.2.4-1 Data Output and Input timing diagram
Parameter
Symbol
Min
Typ
Max
Units
Output Valid Delay from rising edge of
BIT_CLK
tco
-
-
15
ns
Note 1 : Timing is for SDATA and SYNC outputs with respect to BIT_CLK at the
device driving the output.
Note 2 : 50pF external load
Parameter
Symbol
Min
Typ
Max
Units
Input Setup to falling edge of BIT_CLK
tsetup
10
-
-
ns
Input Hold from falling edge of BIT_CLK thold
10
-
-
ns
Note : Timing is for SDATA and SYNC outputs with respect to BIT_CLK at the
device driving the output.
Parameter
Symbol
Min
Typ
Max
Units
BIT_CLK combined rise or fall plus flight
time
-
-
7
ns
SDATA combined rise or fall plus flight
time
-
-
7
ns
Note : Combined rise or fall plus flight times are provided for worst case scenario
modeling purpose.
6.2.5 Signal Rise and Fall Times:
Fig 6.2.5-1 Signal Rise and Fall timing diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com