Electronic Components Datasheet Search
  English  ▼

X  

ALC202 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # ALC202
Description  AC??7 Audio CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ALC202 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button ALC202 Datasheet HTML 21Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 22Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 23Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 24Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 25Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 26Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 27Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 28Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 29Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
Preliminary
Avance Logic, Inc.
ALC202
- 25 -
Rev0.62
http://www.realtek.com.tw
Parameter
Symbol
Min
Typ
Max
Units
BIT_CLK rise time
Triseclk
-
-
6
ns
BIT_CLK fall time
Tfallclk
-
-
6
ns
SYNC rise time
Trisesync
-
-
6
ns
SYNC fall time
Tfallsync
-
-
6
ns
SDATA_IN rise time
Trisedin
-
-
6
ns
SDATA_IN fall time
Tfalldin
-
-
6
ns
SDATA_OUT rise time
Trisedout
-
-
6
ns
SDATA_OUT fall time
Tfalldout
-
-
6
ns
Note 1: 75pF external load (50 pF in AC’97 rev2.1)
Note 2: rise is from 10% to 90% of Vdd (Vol to Voh)
Note 3: fall is from 90% to 10% of Vdd (Voh to Vol)
6.2.6 AC-Link Low Power Mode Timing:
Fig 6.2.6-1 AC-Link low power mode timing diagram
Parameter
Symbol
Min
Typ
Max
Units
End of slot 2 to BIT_CLK,
SDATA_IN low
Ts2_pdown
-
-
1.0
us
6.2.7 ATE Test Mode:
Fig 6.2.6-1 ATE test mode timing diagram
*To meet AC’97 rev2.2, there are EAPD, SPDIFO, BIT_CLK and SDATA_IN should be floating in
test mode.
Parameter
Symbol
Min
Typ
Max
Units
Setup to trailing edge of
RESET# (also applies to SYNC)
Tsetup2rst 15.0
-
-
ns
Rising edge of RESET# to Hi-Z
delay
Toff
-
-
25.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com