Electronic Components Datasheet Search
  English  ▼

X  

ALC202 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ALC202
Description  AC??7 Audio CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ALC202 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ALC202 Datasheet HTML 1Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 2Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 3Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 4Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 5Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 6Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 7Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 8Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Preliminary
Avance Logic, Inc.
ALC202
- 3 -
Rev0.62
http://www.realtek.com.tw
CD-L
I
18
CD audio Left channel
Analog input (1Vrms)
CD-GND
I
19
CD audio analog GND
Analog input (1Vrms)
CD-R
I
20
CD audio Right channel
Analog input (1Vrms)
MIC1
I
21
First Mic input
Analog input (1Vrms)
MIC2
I
22
Second Mic input
Analog input (1Vrms)
LINE-L
I
23
Line input Left channel
Analog input (1Vrms)
LINE-R
I
24
Line input Right channel
Analog input (1Vrms)
LINE-OUTL
O
35
Line-Out Left channel
ALC202: Analog output without op-amp (1.0Vrms)
ALC202A: Analog output with op-amp (1.4Vrms)
LINE-OUTR
O
36
Line-Out Right channel
ALC202: Analog output without op-amp (1.0Vrms)
ALC202A: Analog output with op-amp (1.4Vrms)
HP-OUT-L
O
39
Headphone Out – Left (ALC202)
True-LINE-Out-Left (ALC202A)
ALC202: Analog output with op-amp
ALC202A: Analog output without op-amp
HP-OUT-R
O
41
Headphone Out – Left (ALC202)
True-LINE-Out-Left (ALC202A)
ALC202: Analog output with op-amp
ALC202A: Analog output without op-amp
MONO-OUT
O
37
Speaker Phone output
Analog output (1Vrms)
2.3 Filter/References: 7 pins
Name
Type
Pin No
Description
Characteristic Definition
VREF
27
Reference voltage
1uf capacitor to analog ground
VREFOUT
O
28
Ref. voltage out with 8mA drive
Analog output (2.25V – 2.75V)
AFILT1
29
ADC anti-aliasing filter capacitor
1000pf capacitor to analog ground.
AFILT2
30
ADC anti-aliasing filter capacitor
1000pf capacitor to analog ground.
VRAD
31
ADC reference voltage capacitor
1uf capacitor to analog ground
VRDA
32
DAC reference voltage capacitor
1uf capacitor to analog ground
2.4 Power/Ground: 8 pins
Name
Type
Pin No
Description
Characteristic Definition
AVDD1
I
25
Analog VDD (5.0V or 3.3V)
AVDD2
I
38
Analog VDD (5.0V or 3.3V)
AVSS1
I
26
Analog GND
AVSS2
I
42
Analog GND
DVDD1
I
1
Digital VDD (3.3V)
DVDD2
I
9
Digital VDD (3.3V)
DVSS1
I
4
Digital GND
DVSS2
I
7
Digital GND
2.5 Others: 1 pin
Name
Type
Pin No
Description
Characteristic Definition
TEST
O
48
Output DAC clock and ADC clock
Digital pin shared with SPDIFO
NC
33,40,34 No Connection.
2.6 Crystal (Clock) Source Selection: 1 pin
Name
Type
Pin No
Description
Characteristic Definition
XTLSEL
I
46a
Crystal Selection
Internal pull high by a 50K resistor.
XTLSEL:
XTLSEL=floating, the clock source is 24.576MHz crystal or external clock. (Default)
XTLSEL=pull low, select 14.318MHzà24.576MHz digital PLL
The default state of MX7A.15 if power on latched inversely from XTLSEL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com