Electronic Components Datasheet Search
  English  ▼

X  

ALC202 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ALC202
Description  AC??7 Audio CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ALC202 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ALC202 Datasheet HTML 3Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 4Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 5Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 6Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 7Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 8Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 9Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 10Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Preliminary
Avance Logic, Inc.
ALC202
- 7 -
Rev0.62
http://www.realtek.com.tw
4. Mixer Registers
All mixer register access with odd-number will return with 0.
Reading unimplemented registers will return 0.
REG.
(HEX)
NAME D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 DEFAU
LT
00h
Reset
X SE4 SE3 SE2 SE1 SE0 ID9 ID8 ID7 ID6 ID5 ID4 ID3 ID2 ID1 ID0 5990h
02h
Master
Volume
Mute X ML5 ML4 ML3 ML2 ML1 ML0 X
X MR5 MR4 MR3 MR2 MR1 MR0 8000h/
0000h
04h Headphone
volume
Mute X HPL
5
HPL
4
HPL
3
HPL
2
HPL
1
HPL
0
X
X HPR
5
HPR
4
HPR
3
HPR
2
HPR
1
HPR
0
8000h/
0000h
06h Mono-Out
Volume
Mute X
X
X
X
X
X
X
X
X
X MM
4
MM
3
MM
2
MM
1
MM
0
8000h/
0000h
0Ah PC_BEEP
Volume
Mute X
X
X
X
X
X
X
X
X
X PB3 PB2 PB1 PB0 X 8000h
0Ch
PHONE
Volume
Mute X
X
X
X
X
X
X
X
X
X PH4 PH3 PH2 PH1 PH0 8008h
0Eh MIC Volume Mute X
X
X
X
X BGO
1
BGO
0
X BC X MI4 MI3 MI2 MI1 MI0 8008h
10h
Line-In
Volume
Mute X
X NL4 NL3 NL2 NL1 NL0 X
X
X NR4 NR3 NR2 NR1 NR0 8808h
12h CD Volume Mute X
X CL4 CL3 CL2 CL1 CL0 X
X
X CR4 CR3 CR2 CR1 CR0 8808h
14h
Video
Volume
Mute X
X VL4 VL3 VL2 VL1 VL0 X
X
X VR4 VR3 VR2 VR1 VR0 8808h
16h Aux Volume Mute X
X AL4 AL3 AL2 AL1 AL0 X
X
X AR4 AR3 AR2 AR1 AR0 8808h
18h
PCM Out
Volume
Mute X
X PL4 PL3 PL2 PL1 PL0 X
X
X PR4 PR3 PR2 PR1 PR0 8808h/
0808h
1Ah
Record
Select
X
X
X
X
X LRS
2
LRS
1
LRS
0
X
X
X
X
X RRS
2
RRS
1
RRS
0
0000h
1Ch Record Gain Mute X
X
X LRG
3
LRG
2
LRG
1
LRG
0
X
X
X
X RRG
3
RRG
2
RRG
1
RRG
0
8000h
20h
General
Purpose
POP X 3D X
X
X MIX MS LBK X
X
X
X
X
X
X 0000h
22h 3D Control X
X
X
X
X
X
X
X
X
X
X
X
X DP2 DP1 DP0 0000h
26h Power Down
Ctrl/Status
EAP
D
PR6 PR5 PR4 PR3 PR2 PR1 PR0 X
X
X
X REF ANL DAC ADC 000Fh
28h
Extended
Audio ID
ID1 ID0 X
X REV
1
REV
0
AM
AP
X
X
X
X
X
X SPDI
F
X VRA 0605h
2Ah
Extended
Audio Status
X
X
X
X
X SPC
V
X
X
X
X SPS
A1
SPS
A0
X SPDI
F
X VRA 0000h
2Ch PCM front
Out Sample
Rate
FSR
15
FSR
14
FSR
13
FSR
12
FSR
11
FSR
10
FSR
9
FSR
8
FSR
7
FSR
6
FSR
5
FSR
4
FSR
3
FSR
2
FSR
1
FSR
0
BB80h
32h PCM Input
Sample Rate
ISR
15
ISR
14
ISR
13
ISR
12
ISR
11
ISR
10
ISR
9
ISR
8
ISR
7
ISR
6
ISR
5
ISR
4
ISR
3
ISR
2
ISR
1
ISR
0
BB80h
3Ah S/PDIF Ctl V
0 SPS
R1
SPS
R0
L CC6 CC5 CC4 CC3 CC2 CC1 CC0 PRE COP
Y
/AU
DIO
PRO 2000h
76h GPIO Setup 0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0 0000h
78h GPIO Status 0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0 0000h
7Ch Vendor ID1 0
1
0
0
0
0
0
1
0
1
0
0
1
1
0
0 414Ch
7Eh Vendor ID2 0
1
0
0
0
1
1
1
0
0
0
1 V3 V2 V1 V0 4740h
X: reserved bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com