Electronic Components Datasheet Search
  English  ▼

X  

ALC202 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ALC202
Description  AC??7 Audio CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ALC202 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ALC202 Datasheet HTML 6Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 7Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 8Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 9Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 10Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 11Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 12Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 13Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Preliminary
Avance Logic, Inc.
ALC202
- 10 -
Rev0.62
http://www.realtek.com.tw
14:13
Reserved
12:8
R/W CD Left Volume (CLV[4..0]) in 1.5 dB step
7:5
Reserved
4:0
R/W CD Right Volume (CRV[4..0]) in 1.5 dB step
Œ
For CLV/CRV,
00h
+12 dB Gain
08h
0dB gain
1Fh
-34.5dB Gain
MX14
VIDEO Volume
Default: 8808H
Bit
Type
Function
15
R/W Mute Control 0 : Normal 1 : Mute (-¥ dB)
14:13
Reserved
12:8
R/W Video Left Volume (VLV[4..0]) in 1.5 dB step
7:5
Reserved
4:0
R/W Video Right Volume (VRV[4..0]) in 1.5 dB step
Œ
For VLV/VRV,
00h
+12 dB Gain
08h 0dB gain
1Fh -34.5dB Gain
MX16
AUX Volume
Default: 8808H
Bit
Type
Function
15
R/W Mute Control 0 : Normal 1 : Mute (-¥ dB)
14:13
Reserved
12:8
R/W AUX Left Volume (ALV[4..0]) in 1.5 dB step
7:5
Reserved
4:0
R/W AUX Right Volume (ARV[4..0]) in 1.5 dB step
Œ
For ALV/ARV,
00h
+12 dB Gain
08h 0dB gain
1Fh -34.5dB Gain
MX18
PCM_OUT Volume
Default: 8808H / 0808H
Bit
Type
Function
15
R/W Mute Control 0 : Normal 1 : Mute (-¥ dB)
14:13
Reserved
12:8
R/W PCM Volume (PLV[4..0]) in 1.5 dB step
7:5
Reserved
4:0
R/W PCM Right Volume (PRV[4..0]) in 1.5 dB step
Œ
For PLV/PRV,
00h
+12 dB Gain
08h 0dB gain
1Fh -34.5dB Gain
Ì
When ID=01,10,11, the default value is 0808H.
MX1A
Record Select
Default: 0000H
Bit
Type
Function
15:11
Reserved
10:8
R/W Left record source select (LRS[2..0])
7:3
Reserved
2:0
R/W Right record source select (RRS[2..0])
Œ
For LRS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com