Electronic Components Datasheet Search
  English  ▼

X  

ALC202 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ALC202
Description  AC??7 Audio CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ALC202 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ALC202 Datasheet HTML 4Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 5Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 6Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 7Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 8Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 9Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 10Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 11Page - List of Unclassifed Manufacturers ALC202 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Preliminary
Avance Logic, Inc.
ALC202
- 8 -
Rev0.62
http://www.realtek.com.tw
MX00
Reset
Default: 5990H
Bit
Type
Function
15
Reserved
14:10
R
return 10110b
9
R
Read as 0 (Not support 20-bit ADC)
8
R
Read as 1 (Support 18-bit ADC)
7
R
Read as 1 (Support 20-bit DAC)
6
R
Read as 0 (Not support 18-bit DAC)
5
R
Read as 0 (Not support for Loudness)
4
R
Read as 1 (Headphone output support)
3
R
Read as 0 (Not simulated stereo ,for analog 3D block use)
2
R
Read as 0 (Not Bess & Treble Control)
1
R
Reserved,Read as 0
0
R
Read as 0 (No Dedicated Mic PCM input)
Œ
Write to this register will reset all mixer register to their default value. The written data
should be ignored.
MX02
Master Volume
Default: 8000H / 0000H
Bit
Type
Function
15
R/W Mute Control 0 : Normal 1 : Mute (-¥ dB)
14
Reserved
13:8
R/W Master Left Volume (MLV[5..0]) in 1.5 dB step
7:6
Reserved
5:0
R/W Master Right Volume (MRV[5..0]) in 1.5 dB step
Œ
For MRV/MLV, 00h 0 dB attenuation
3Fh 94.5 dB attenuation
•
When ID=01,10,11, the default value is 0000H.
MX04
Headphone Output Volume
Default: 8000H / 0000H
Bit
Type
Function
15
R/W Mute Control 0 : Normal 1 : Mute (-¥ dB)
14
Reserved
13:8
R/W Headphone Output Left Volume (HPL[5..0]) in 1.5 dB step
7:6
Reserved
5:0
R/W Headphone Output Right Volume (HPR[5..0]) in 1.5 dB step
Œ
For HPR/HPL, 00h
0 dB attenuation
3Fh 94.5 dB attenuation
•
When ID=01,10,11, the default value is 0000H.
MX06
MONO_OUT Volume
Default: 8000H / 0000H
Bit
Type
Function
15
R/W Mute Control 0 : Normal 1 : Mute (-¥ dB)
14:5
Reserved
4:0
R/W Mono Master Volume (MMV[4..0]) in 1.5 dB step
Œ
For MMV, 00h
0 dB attenuation
1Fh
46.5 dB attenuation
•
Implement 5-bit volume control only. Writing 1xxxxx will be interpreted as x11111 and
response when read with x11111 too.
Ì
When ID=01,10,11, the default value is 0000H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com