Electronic Components Datasheet Search
  English  ▼

X  

ADF5901 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF5901
Description  24 GHz to 24.25 GHz voltage controlled oscillator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5901 Datasheet(HTML) 4 Page - Analog Devices

  ADF5901 Datasheet HTML 1Page - Analog Devices ADF5901 Datasheet HTML 2Page - Analog Devices ADF5901 Datasheet HTML 3Page - Analog Devices ADF5901 Datasheet HTML 4Page - Analog Devices ADF5901 Datasheet HTML 5Page - Analog Devices ADF5901 Datasheet HTML 6Page - Analog Devices ADF5901 Datasheet HTML 7Page - Analog Devices ADF5901 Datasheet HTML 8Page - Analog Devices ADF5901 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Data Sheet
ADF5901
Rev. A | Page 3 of 26
SPECIFICATIONS
AHI = TX_AHI = RF_AHI = VCO_AHI = DVDD = 3.3 V ± 5%, AGND = 0 V, dBm referred to 50 Ω, TA = TMAX to TMIN, unless otherwise
noted. Operating temperature range is −40°C to +105°C.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OPERATING CONDITIONS
RF Frequency Range
24
24.25
GHz
VCO CHARACTERISITICS
VTUNE
1
2.8
V
VTUNE Impedance
100
kΩ
VCO Phase Noise Performance
At 100 kHz Offset
−88
dBc/Hz
At 1 MHz Offset
−108
dBc/Hz
At 10 MHz Offset
−128
dBc/Hz
Amplitude Noise
−150
dBc/Hz
At 1 MHz offset
Static Pulling fVCO Change vs. Load
±2
MHz
Open-loop into 2:1 voltage standing wave ratio
(VSWR) load
Dynamic Pulling Tx On/Off Switch Change
±10
MHz
Open-loop
Dynamic Pulling Tx to Tx Switch Change
±5
MHz
Open-loop
Pushing fVCO Change vs. AHI Change
±5
MHz/V
Open-loop
Spurious Level Harmonics
−30
dBc
Spurious Level Nonharmonics
<−70
dBc
POWER SUPPLIES
AHI, TX_AHI, RF_AHI, VCO_AHI, DVDD
3.135
3.3
3.465
V
Total Current, ITOTAL1
170
mA
Software Power-Down Mode
500
µA
Hardware Power-Down Mode
200
µA
Tx OUTPUT
Output Power
2
8
10
dBm
Output Impedance
50
Ω
On/Off Isolation
30
dB
Single Tx output switched on/off
Tx to Tx Isolation
25
dB
Power-Up/Power-Down Time
200
ns
LO OUTPUT
Output Power
−7
−1
+5
dBm
Output Impedance
50
Ω
On/Off Isolation
30
dB
AUX PIN OUTPUT
Output Power
−9
−5
0
dBm
Single-ended
Output Frequency
Divide by 2 Output
12
12.125
GHz
Divide by 4 Output
6
6.0625
GHz
Output Impedance
200
Ω
Differential
On/Off Isolation
30
dB
AUX to LO Isolation
30
dB
TEMPERATURE SENSOR
Analog Accuracy
±5
°C
Following one-point calibration
Digital Accuracy
±5
°C
Following one-point calibration
Sensitivity
6.4
mV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com