Electronic Components Datasheet Search
  English  ▼

X  

ADF5901 Datasheet(PDF) 16 Page - Analog Devices

Part # ADF5901
Description  24 GHz to 24.25 GHz voltage controlled oscillator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5901 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADF5901 Datasheet HTML 12Page - Analog Devices ADF5901 Datasheet HTML 13Page - Analog Devices ADF5901 Datasheet HTML 14Page - Analog Devices ADF5901 Datasheet HTML 15Page - Analog Devices ADF5901 Datasheet HTML 16Page - Analog Devices ADF5901 Datasheet HTML 17Page - Analog Devices ADF5901 Datasheet HTML 18Page - Analog Devices ADF5901 Datasheet HTML 19Page - Analog Devices ADF5901 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Data Sheet
ADF5901
Rev. A | Page 15 of 26
Figure 19. Register 0 (R0)
REGISTER 0
Control Bits
With Bits[C5:C1] set to 00000, Register R0 is programmed.
Figure 19 shows the input data format for programming this
register.
Auxiliary Buffer Gain
Bits[DB23:DB21] set the auxiliary output buffer gain (see
Figure 19).
Auxiliary Divide by 2
Bit DB20 selects the auxiliary output divider. Setting this bit to 0
selects divide by 2 (6 GHz output). Setting the bit to 1 selects
divide by 1 (12 GHz output).
Power-Up R Counter
Bit DB15 provides the power-up bit for the R counter block.
Setting this bit to 0 performs a power-down of the counter block.
Setting this bit to 1 returns the counter block to normal
operation.
Power-Up N Counter
Bit DB14 provides the power-up bit for the N counter block.
Setting this bit to 0 performs a power-down of the counter
block. Setting this bit to 1 returns the counter block to normal
operation.
Tx2 Amplitude Calibration
Bit DB12 provides the control bit for amplitude calibration of
the Transmitter 2 (Tx2) output. Set this bit to 0 for normal
operation. Setting this bit to 1 performs an amplitude
calibration of the Tx2 output.
Tx1 Amplitude Calibration
Bit DB11 provides the control bit for amplitude calibration of
the Tx1 output. Set this bit to 0 for normal operation. Setting
this bit to 1 performs an amplitude calibration of the Tx1
output.
Power-Up VCO
Bit DB10 provides the power-up bit for the VCO. Setting this bit
to 0 performs a power-down of the VCO. Setting this bit to 1
performs a power-up of the VCO.
VCO Calibration
Bit DB9 provides the control bit for frequency calibration of the
VCO. Set this bit to 0 for normal operation. Setting this bit to 1
performs a VCO frequency and amplitude calibration.
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4
DB3
DB2
DB1
DB0
1
0
0
0
0
0
0
0
CONTROL
BITS
AG2
AG1
AG0
AD
1
1
1
1
PRC
PNC
1
Tx2C Tx1C PVCO VCAL
PADC PTx2 PTx1 PLO
C4(0) C3(0) C2(0) C1(0)
C5(0)
RESERVED
AUX BUFFER
GAIN
PLO
0
1
PUP LO
POWER UP LO
POWER DOWN LO
PTx1
0
1
PUP Tx1
POWER UP Tx1
POWER DOWN Tx1
PTx2
0
1
PUP Tx2
POWER UP Tx2
POWER DOWN Tx2
PADC
0
1
PUP ADC
POWER UP ADC
POWER DOWN ADC
VCAL
0
1
VCO CAL
VCO FULL CAL
NORMAL OPERATION
PVCO
0
1
PUP VCO
POWER UP VCO
POWER DOWN VCO
Tx1C
0
1
Tx1 AMP CAL
Tx1 AMP CAL
NORMAL OPERATION
Tx2C
0
1
Tx2 AMP CAL
Tx2 AMP CAL
NORMAL OPERATION
AD
0
1
AUX DIV
DIV 1
DIV 2
PNC
0
1
PUP NCNTR
POWER UP NCNTR
POWER DOWN NCNTR
PNC
0
1
PUP RCNTR
POWER UP RCNTR
POWER DOWN RCNTR
AG2
AG1 AG0
AUX BUFFER GAIN
0
0
0
BUFFER DISABLED
0
0
1
GAIN SETTING 1
0
1
0
GAIN SETTING 2
0
1
1
GAIN SETTING 3
1
0
0
GAIN SETTING 4
1
0
1
GAIN SETTING 5
1
1
0
GAIN SETTING 6
1
1
1
GAIN SETTING 7
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com