Electronic Components Datasheet Search
  English  ▼

X  

ADF5901 Datasheet(PDF) 23 Page - Analog Devices

Part # ADF5901
Description  24 GHz to 24.25 GHz voltage controlled oscillator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5901 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADF5901 Datasheet HTML 19Page - Analog Devices ADF5901 Datasheet HTML 20Page - Analog Devices ADF5901 Datasheet HTML 21Page - Analog Devices ADF5901 Datasheet HTML 22Page - Analog Devices ADF5901 Datasheet HTML 23Page - Analog Devices ADF5901 Datasheet HTML 24Page - Analog Devices ADF5901 Datasheet HTML 25Page - Analog Devices ADF5901 Datasheet HTML 26Page - Analog Devices ADF5901 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
ADF5901
Data Sheet
Rev. A | Page 22 of 26
Figure 27. Register 8 (R8)
Figure 28. Register 9 (R9)
REGISTER 8
Control Bits
With Bits[C5:C1] set to 01000, Register R8 is programmed.
Figure 27 shows the input data format for programming this
register.
Frequency Calibration Clock
Bits[DB14:DB5] set a divider for the VCO frequency calibration
clock. Load the divider such that the time base is 10 µs (see
Figure 27).
REGISTER 9
Control Bits
With Bits[C5:C1] set to 01001, Register R9 is programmed.
Figure 28 shows the input data format for programming this
register.
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4
DB3
DB2
DB1
DB0
0
1
0
0
0
0
0
0
CONTROL
BITS
0
0
0
0
0
0
0
0
0
FC9
FC8
FC7
FC6
FC5
FC4
FC3
FC2
FC1
FC0
C4(1) C3(0) C2(0) C1(0)
FREQENCY CAL DIVIDER
C5(0)
RESERVED
FC9
FC8
...
FC4
FC3
FC2
FC1
FC0
0
0
...
0
0
0
0
0
0
0
...
0
0
0
0
1
0
0
...
0
0
0
1
0
.
.
...
.
.
.
.
.
1
2
.
.
...
.
.
.
.
.
...
1
1
...
1
1
1
0
1
1021
1
1
...
1
1
1
1
0
1023
1
1
...
1
1
1
1
1
1024
FREQUENCY CAL
DIVIDER
...
0
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4
DB3
DB2
DB1
DB0
0
0
1
0
1
0
1
0
0
CONTROL
BITS
0
1
0
0
0
0
0
1
0
1
1
1
0
0
1
0
0
1
C4(1) C3(0) C2(0) C1(1)
C5(0)
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com