Electronic Components Datasheet Search
  English  ▼

X  

ADF5901 Datasheet(PDF) 25 Page - Analog Devices

Part # ADF5901
Description  24 GHz to 24.25 GHz voltage controlled oscillator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5901 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADF5901 Datasheet HTML 19Page - Analog Devices ADF5901 Datasheet HTML 20Page - Analog Devices ADF5901 Datasheet HTML 21Page - Analog Devices ADF5901 Datasheet HTML 22Page - Analog Devices ADF5901 Datasheet HTML 23Page - Analog Devices ADF5901 Datasheet HTML 24Page - Analog Devices ADF5901 Datasheet HTML 25Page - Analog Devices ADF5901 Datasheet HTML 26Page - Analog Devices ADF5901 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
ADF5901
Data Sheet
Rev. A | Page 24 of 26
5. Write 0x809FE560 to Register R0 to power Tx1 on, Tx2 off,
and LO on.
6. Write 0x809FED60 to Register R0 to set the Tx1 amplitude
calibration (400 µs).
7. Write 0x89FE5A0 to Register R0 to power Tx1 off, Tx2 on,
and LO on.
8. Write 0x809FF5A0 to Register R0 to set the Tx2 amplitude
calibration (400 µs).
9. Write 0x2800B929 to Register R9.
10. Write 0x809F25A0 to Register R0 to disable the R and N
counters.
TEMPERATURE SENSOR
The ADF5901 has an on-chip temperature sensor that can be
accessed on the ATEST pin or as a digital word on DOUT
following an ADC conversion. The temperature sensor operates
over the full operating temperature range of −40°C to +105°C.
The accuracy can be improved by performing a one-point
calibration at room temperature and storing the result in
memory.
With the temperature sensor on the analog test bus and test bus
connected to the ATEST pin (Register 4 set to 0x0000A064) the
ATEST voltage can be converted to temperature with the
following equation:
(
)
GAIN
OFF
ATEST
V
V
V
e
Temperatur
−
=
C)
(
(3)
where:
VATEST is the voltage on the ATEST pin.
VOFF = 0.699 V, the offset voltage.
VGAIN = 6.4 × 10−3, the voltage gain.
The temperature sensor result can be converted to a digital
word with the ADC and readback on DOUT with the following
sequence:
1. Write 0x809FA5A0 to Register R0 to enable the counters.
2. Write 0x00012064 to Register R4 to connect the analog test
bus to the ADC and VTEMP to the analog test bus.
3. Write 0x00028C82 to Register R2 to start the ADC
conversion.
4. Write 0x018902C3 to Register R3 to set the output ADC
data to DOUT.
5. Read back DOUT.
6. Write 0x809F25A0 to Register R0 to disable R and N
counters.
Convert the DOUT word to temperature with the following
equation:
(
)
(
)
GAIN
OFF
LSB
V
V
V
ADC
e
Temperatur
−
×
=
C)
(
(4)
where:
ADC is the ADC code read back on DOUT.
VLSB = 7.33 mV, the ADC LSB voltage.
VOFF = 0.699 V, the offset voltage.
VGAIN = 6.4 × 10−3, the voltage gain.
RF SYNTHESIS: A WORKED EXAMPLE
The following equation governs how to program the ADF5901:
RFOUT = (INT + (FRAC/225)) × (fREF) × 2
(5)
where:
RFOUT is the RF frequency output.
INT is the integer division factor.
FRAC is the fractionality.
fREF = REFIN × ((1 + D)/(R × (1 + T)))
(6)
where:
REFIN is the reference frequency input.
D is the reference doubler bit, DB10 in Register R7 (0 or 1).
R is the reference division factor.
T is the reference divide by 2 bit, DB11 in Register R7 (0 or 1).
For example, in a system where a 24.125 GHz RF frequency
output (RFOUT) is required and a 100 MHz reference frequency
input (REFIN) is available, fREF is set to 50 MHz.
From Equation 6,
fREF = (100 MHz × (1 + 0)/(1 × (1 + 1)) = 50 MHz
From Equation 5,
24.125 GHz = 50 MHz × (N + FRAC/225) × 2
Calculating the N and FRAC values,
N = int(RFOUT/(fREF × 2)) = 241
FRAC = FMSB × 213 + FLSB
FMSB = int(((RFOUT/(fREF × 2)) − N) × 212) = 1024
FLSB = int(((((RFOUT/(fREF × 2)) − N) × 212) − FMSB) × 213) = 0
where:
FMSB is the 12-bit MSB FRAC value in Register R5.
FLSB is the 13-bit LSB FRAC value in Register R6.
int() makes an integer of the argument in parentheses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com