Electronic Components Datasheet Search
  English  ▼

X  

ADF5901 Datasheet(PDF) 5 Page - Analog Devices

Part # ADF5901
Description  24 GHz to 24.25 GHz voltage controlled oscillator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5901 Datasheet(HTML) 5 Page - Analog Devices

  ADF5901 Datasheet HTML 1Page - Analog Devices ADF5901 Datasheet HTML 2Page - Analog Devices ADF5901 Datasheet HTML 3Page - Analog Devices ADF5901 Datasheet HTML 4Page - Analog Devices ADF5901 Datasheet HTML 5Page - Analog Devices ADF5901 Datasheet HTML 6Page - Analog Devices ADF5901 Datasheet HTML 7Page - Analog Devices ADF5901 Datasheet HTML 8Page - Analog Devices ADF5901 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
ADF5901
Data Sheet
Rev. A | Page 4 of 26
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ADC
Resolution
8
Bits
Integral Nonlinearity (INL)
±1
LSB
Differential Nonlinearity (DNL)
±1
LSB
Least Significant Bit (LSB)
7.4
mV
REFIN CHARACTERISITICS
REFIN Input Frequency
10
260
MHz
−5 dBm minimum to +9 dBm maximum biased
at AHI/2 (ac coupling ensures 1.8/2 bias); for
frequencies < 10 MHz, use a dc-coupled, CMOS-
compatible square wave with a slew rate >
25 V/µs
REFIN Input Capacitance
1.2
pF
REFIN Input Current
±100
µA
LOGIC INPUTS
Input Voltage
High (VIH)
1.4
V
Low (VIL)
0.6
V
Input Current (IINH, IINL)
±1
µA
Input Capacitance (CIN)
10
pF
LOGIC OUTPUTS
Output Voltage
High (VOH)2
VDD −
0.4
V
Low (VOL)
0.4
V
Output Current
High (IOH)
500
µA
Low (IOL)
500
µA
1
TA = 25°C; AHI = 3.3 V; fREFIN = 100 MHz; RF = 24.125 GHz following initialization sequence in the Initialization Sequence section.
2
VDD selected from IO level bit (DB11 in Register 3).
TIMING SPECIFICATIONS
AHI = TX_AHI = RF_AHI = VCO_AHI = DVDD = 3.3 V ± 5%, AGND = 0 V, dBm referred to 50 Ω, TA = TMIN to TMAX, unless otherwise
noted. Operating temperature range is −40°C to +105°C.
Table 2. Write Timing
Parameter
Limit at TMIN to TMAX
Unit
Description
t1
20
ns min
LE setup time
t2
10
ns min
DATA to CLK setup time
t3
10
ns min
DATA to CLK hold time
t4
25
ns min
CLK high duration
t5
25
ns min
CLK low duration
t6
10
ns min
CLK to LE setup time
t7
20
ns min
LE pulse width
t8
10
ns max
LE setup time to DOUT
t9
15
ns max
CLK setup time to DOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com