Electronic Components Datasheet Search
  English  ▼

X  

ADF5901 Datasheet(PDF) 22 Page - Analog Devices

Part # ADF5901
Description  24 GHz to 24.25 GHz voltage controlled oscillator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5901 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADF5901 Datasheet HTML 18Page - Analog Devices ADF5901 Datasheet HTML 19Page - Analog Devices ADF5901 Datasheet HTML 20Page - Analog Devices ADF5901 Datasheet HTML 21Page - Analog Devices ADF5901 Datasheet HTML 22Page - Analog Devices ADF5901 Datasheet HTML 23Page - Analog Devices ADF5901 Datasheet HTML 24Page - Analog Devices ADF5901 Datasheet HTML 25Page - Analog Devices ADF5901 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Data Sheet
ADF5901
Rev. A | Page 21 of 26
Figure 26. Register 7 (R7)
REGISTER 7
Control Bits
With Bits[C5:C1] set to 00111, Register R7 is programmed.
Figure 26 shows the input data format for programming
this register.
Master Reset
Bit DB25 provides a master reset bit for the device. Setting this
bit to 1 performs a reset of the device and all register maps.
Setting this bit to 0 returns the device to normal operation.
Clock Divider
Bits[DB23:DB12] set a divider for the VCO frequency calibration.
Load the divider such that the time base is 10 µs (see Figure 26).
Divide by 2 (RDIV2)
Setting the DB11 bit to 1 inserts a divide by 2 toggle flip flop
between the R counter and VCO calibration block.
Reference Doubler
Setting DB10 to 0 feeds the REFIN signal directly to the 5-bit
R counter, disabling the doubler. Setting this bit to 1 multiplies
the REFIN frequency by a factor of 2 before the REFIN signal is
fed into the 5-bit R counter.
The maximum allowable REFIN frequency when the doubler is
enabled is 50 MHz.
5-Bit R Divider
The 5-bit R counter allows the input reference frequency
(REFIN) to be divided down to produce the reference clock to
the VCO calibration block. Division ratios from 1 to 31 are
allowed.
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3
DB2
DB1
DB0
0
0
0
0
0
0
MR
1
CONTROL
BITS
RD2
RD
R4
R3
R2
R1
R0
C4(0) C3(1) C2(1) C1(1)
C5(0)
RESERVED
R DIVIDER
R4
R3
R1
R0
R DIVIDER (R)
0
0
0
1
1
0
0
1
0
2
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
1
1
0
0
28
1
1
0
1
29
1
1
1
0
30
1
1
1
1
31
RD
DOUBLER
0
DISABLED
1
ENABLED
RD2
0
DISABLED
1
ENABLED
R2
0
0
.
.
.
1
1
1
1
REF
RDIV2
MR
0
1
MASTER RESET
ENABLED
DISABLED
DBR1
CLOCK DIVIDER
C1D11 C1D10
.......... C1D2 C1D0
0
0
..........
0
0
0
0
0
..........
0
1
1
0
0
..........
1
0
2
0
0
..........
1
1
3
.
.
..........
.
.
.
.
.
..........
.
.
.
.
.
..........
.
.
.
1
1
..........
0
0
4092
1
1
..........
0
1
4093
1
1
..........
1
0
4094
1
1
.........
1
1
4095
C1D11 C1D10 C1D9 C1D8 C1D7 C1D6 C1D5 C1D4 C1D3 C1D2 C1D1 C1D0
DBR1
CLOCK DIVIDER
1DBR = DOUBLE-BUFFERED REGISTER.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com