Electronic Components Datasheet Search
  English  ▼

X  

ADF5901 Datasheet(PDF) 10 Page - Analog Devices

Part # ADF5901
Description  24 GHz to 24.25 GHz voltage controlled oscillator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5901 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF5901 Datasheet HTML 6Page - Analog Devices ADF5901 Datasheet HTML 7Page - Analog Devices ADF5901 Datasheet HTML 8Page - Analog Devices ADF5901 Datasheet HTML 9Page - Analog Devices ADF5901 Datasheet HTML 10Page - Analog Devices ADF5901 Datasheet HTML 11Page - Analog Devices ADF5901 Datasheet HTML 12Page - Analog Devices ADF5901 Datasheet HTML 13Page - Analog Devices ADF5901 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Data Sheet
ADF5901
Rev. A | Page 9 of 26
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 5. Tx Output Power vs. Output Frequency
Figure 6. Transmitter 1 (Tx1) Output Power Variation with Temperature and
Supply vs. Output Frequency
Figure 7. Tx Output Power vs. Tx Amplitude Calibration Reference Code
Figure 8. LO Output Power vs. Output Frequency
Figure 9. AUX/AUX Output Power vs. Output Frequency with Divide by 2
Selected
Figure 10. AUX/AUX Output Power vs. Output Frequency with Divide by 4
Selected
0
2
4
6
8
10
12
23.95
24.00
24.05
24.10
24.15
24.20
24.25
24.30
OUTPUT FREQUENCY (GHz)
–40°C
+25°C
+105°C
Tx1
Tx2
OUTSIDE OF SPECIFIED RANGE
0
2
4
6
8
10
12
23.95
24.00
24.05
24.10
24.15
24.20
24.25
24.30
OUTPUT FREQUENCY (GHz)
–40°C
+25°C
+105°C
3.300V
3.465V
3.135V
OUTSIDE OF SPECIFIED RANGE
–20
–15
–10
–5
0
5
10
15
0
10
20
30
40
50
60
70
80
90
100
Tx AMPLITUDE CALIBRATION REFERENCE CODE
–40°C
+25°C
+105°C
–8
–6
–4
–2
0
4
2
6
23.95
24.00
24.05
24.10
24.15
24.20
24.25
24.30
OUTPUT FREQUENCY (GHz)
–40°C
+25°C
+105°C
OUTSIDE OF SPECIFIED RANGE
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
11.99
12.01
12.03
12.05
12.07
12.09
12.11
12.13
OUTPUT FREQUENCY (GHz)
–40°C
+25°C
+105°C
AUX
AUX
OUTSIDE OF SPECIFIED RANGE
–5
–4
–3
–2
–1
0
1
2
3
4
5
5.99
6.00
6.01
6.02
6.03
6.04
6.05
6.06
6.07
–40°C
+25°C
+105°C
AUX
AUX
OUTSIDE OF SPECIFIED RANGE
OUTPUT FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com