Electronic Components Datasheet Search
  English  ▼

X  

ADF5901 Datasheet(PDF) 8 Page - Analog Devices

Part # ADF5901
Description  24 GHz to 24.25 GHz voltage controlled oscillator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5901 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF5901 Datasheet HTML 4Page - Analog Devices ADF5901 Datasheet HTML 5Page - Analog Devices ADF5901 Datasheet HTML 6Page - Analog Devices ADF5901 Datasheet HTML 7Page - Analog Devices ADF5901 Datasheet HTML 8Page - Analog Devices ADF5901 Datasheet HTML 9Page - Analog Devices ADF5901 Datasheet HTML 10Page - Analog Devices ADF5901 Datasheet HTML 11Page - Analog Devices ADF5901 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Data Sheet
ADF5901
Rev. A | Page 7 of 26
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3, 6, 8,
10, 12, 13,
19
GND
RF Ground. Tie all ground pins together.
2
TXOUT1
24 GHz Tx Output 1.
4, 5
TX_AHI
Voltage Supply for the Tx Section. Connect decoupling capacitors (0.1 μF, 1 nF, and 10 pF) to the ground plane
as close as possible to this pin. TX_AHI must be the same value as AHI.
7
TXOUT2
24 GHz Tx Output 2.
9
ATEST
Analog Test Pin.
11
LOOUT
LO Output.
14
RF_AHI
Voltage Supply for the RF Section. Connect decoupling capacitors (0.1 μF, 1 nF, and 10 pF) to the ground plane
as close as possible to this pin. RF_AHI must be the same value as AHI.
15
REFIN
Reference Input. This pin is a CMOS input with a nominal threshold of DVDD/2 and a dc equivalent input
resistance of 100 kΩ. See Figure 14. This input can be driven from a TTL or CMOS crystal oscillator, or it can be
ac-coupled.
16
AHI
Voltage Supply for the Analog Section. Connect decoupling capacitors (0.1 μF, 1 nF, and 10 pF) to the ground
plane as close as possible to this pin.
17
DVDD
Digital Power Supply. This supply may range from 3.135 V to 3.465 V. Place decoupling capacitors (0.1 μF, 1 nF,
and 10 pF) to the ground plane as close as possible to this pin. DVDD must be the same value as AHI.
18
VREG
Internal 1.8 V Regulator Output. Connect a 220 nF capacitor to ground as close as possible to this pin.
20
CE
Chip Enable. A logic low on this pin powers down the device. Taking the pin high powers up the device,
depending on the status of the power-down bit, PD1.
21
CLK
Serial Clock Input. This serial clock input clocks in the serial data to the registers. The data is latched into the
32-bit shift register on the CLK rising edge. This input is a high impedance CMOS input.
22
DATA
Serial Data Input. The serial data is loaded MSB first with the four LSBs as the control bits. This input is a high
impedance CMOS input.
23
LE
Load Enable, CMOS Input. When LE goes high, the data stored in the shift registers is loaded into one of the
16 latches with the latch selected via the control bits.
24
DOUT
Serial Data Output.
25
MUXOUT
Multiplexer Output. This multiplexer output allows either the scaled RF or the scaled reference frequency to be
accessed externally.
26
RSET
Resistor Setting Pin. Connecting a 5.1 kΩ resistor between this pin and GND sets an internal current. The
nominal voltage potential at the RSET pin is 0.62 V.
27
AUX
Auxiliary Output. The VCO/2 output or VCO/4 is available.
28
AUX
Complementary Auxiliary Output. The VCO/2 output or VCO/4 is available.
29
VTUNE
Control Input to the VCO. This voltage determines the output.
30
VCO_AHI
Voltage Supply for the VCO Section. Connect decoupling capacitors (0.1 μF, 1 nF, and 10 pF) to the ground
plane as close as possible to this pin. VCO_AHI must be the same value as AHI.
GND
NOTES
1. THE LFCSP HAS AN EXPOSED PAD
THAT MUST BE CONNECTED TO GND.
TXOUT1
GND
TX_AHI
TX_AHI
GND
TXOUT2
GND
DOUT
LE
DATA
CLK
CE
GND
VREG
DVDD
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
ADF5901
TOP VIEW
(Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com