Electronic Components Datasheet Search
  English  ▼

X  

ADF5901 Datasheet(PDF) 17 Page - Analog Devices

Part # ADF5901
Description  24 GHz to 24.25 GHz voltage controlled oscillator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5901 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADF5901 Datasheet HTML 13Page - Analog Devices ADF5901 Datasheet HTML 14Page - Analog Devices ADF5901 Datasheet HTML 15Page - Analog Devices ADF5901 Datasheet HTML 16Page - Analog Devices ADF5901 Datasheet HTML 17Page - Analog Devices ADF5901 Datasheet HTML 18Page - Analog Devices ADF5901 Datasheet HTML 19Page - Analog Devices ADF5901 Datasheet HTML 20Page - Analog Devices ADF5901 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
ADF5901
Data Sheet
Rev. A | Page 16 of 26
Power-Up ADC
Bit DB8 provides the power-up bit for the ADC. Setting this bit to
0 performs a power-down of the ADC. Setting this bit to 1
performs a power-up of the ADC.
Power-Up Tx2 Output
Bit DB7 provides the power-up bit for the Tx2 output. Setting
this bit to 0 performs a power-down of the Tx2 output. Setting
this bit to 1 performs a power-up of the Tx2 output. Only one
Tx output can be powered up at any time, either Tx1 (DB6) or
Tx2 (DB7).
Power-Up Tx1 Output
Bit DB6 provides the power-up bit for the Tx1 output. Setting
this bit to 0 performs a power-down of the Tx1 output. Setting
this bit to 1 performs a power-up of the Tx1 output. Only one
Tx output can be powered up at any time, either Tx1 (DB6) or
Tx2 (DB7).
Power-Up LO Output
Bit DB5 provides the power-up bit for the LO output. Setting
this bit to 0 performs a power-down of the LO output. Setting
this bit to 1 performs a power-up of the LO output.
REGISTER 1
Control Bits
With Bits[C5:C1] set to 00001, Register R1 is programmed.
Figure 20 shows the input data format for programming this
register.
Tx Amplitude Calibration Reference Code
Bits[DB12:DB5] set the Tx amplitude calibration reference code
(see Figure 20) for the two Tx outputs during calibration.
Calibrate the output power on the Tx outputs from −20 dBm to
8 dBm by setting the Tx amplitude calibration reference code
(see Figure 7).
Figure 20. Register 1 (R1)
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4
DB3
DB2
DB1
DB0
1
1
1
1
1
1
1
1
CONTROL
BITS
1
1
1
1
0
1
0
1
1
1
1
C4(0) C3(0) C2(0) C1(1)
Tx AMP CAL REF CODE
C5(0)
TAR7 TAR6 TAR5 TAR4 TAR3 TAR2 TAR1 TAR0
TAR7
TAR6
.......... TAR1 TAR0
0
0
..........
0
0
0
0
0
..........
0
1
1
0
0
..........
1
0
2
0
0
..........
1
1
3
.
.
..........
.
.
.
.
.
..........
.
.
.
.
.
..........
.
.
.
1
1
..........
0
0
252
1
1
..........
0
1
253
1
1
..........
1
0
254
1
1
.........
1
1
255
Tx AMP CAL REF CODE
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com