Electronic Components Datasheet Search
  English  ▼

X  

ADF5901 Datasheet(PDF) 26 Page - Analog Devices

Part # ADF5901
Description  24 GHz to 24.25 GHz voltage controlled oscillator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5901 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADF5901 Datasheet HTML 19Page - Analog Devices ADF5901 Datasheet HTML 20Page - Analog Devices ADF5901 Datasheet HTML 21Page - Analog Devices ADF5901 Datasheet HTML 22Page - Analog Devices ADF5901 Datasheet HTML 23Page - Analog Devices ADF5901 Datasheet HTML 24Page - Analog Devices ADF5901 Datasheet HTML 25Page - Analog Devices ADF5901 Datasheet HTML 26Page - Analog Devices ADF5901 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
Data Sheet
ADF5901
Rev. A | Page 25 of 26
APPLICATIONS INFORMATION
APPLICATION OF THE ADF5901 IN FMCW RADAR
Figure 31 shows the application of the ADF5901 in a frequency
modulated continuous wave (FMCW) radar system.
In the FMCW radar system, the ADF4159 generates the
sawtooth or triangle ramps necessary for this type of radar to
operate.
The ADF4159 controls the VTUNE pin on the ADF5901 (Tx)
MMIC and thus the frequency of the VCO and the Tx output
signal on TXOUT1 or TXOUT2. The LO signal from the ADF5901
is fed to the LO input on the ADF5904.
The ADF5904 downconverts the signal from the four receiver
antennas to baseband with the LO signal from the Tx MMIC.
The downconverted baseband signals from the four receiver
channels on the ADF5904 are fed to the ADAR7251 4-channel,
continuous time, Σ-Δ analog-to-digital converter (ADC).
A digital signal processor (DSP) follows the ADC to handle the
target information processing.
Figure 31. FMCW Radar with ADF5901
ADF5901
ADF5904
ADF4159
TXOUT1
TXOUT2
RX3_RF
RX2_RF
RX1_RF
RX4_RF
LO_IN
LOOUT
RFINA
RFINB
AUX
AUX
ADAR7251
DSP
RX BASEBAND
VTUNE
CP
LOOP
FILTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com