Electronic Components Datasheet Search
  English  ▼

X  

ADF5901 Datasheet(PDF) 18 Page - Analog Devices

Part # ADF5901
Description  24 GHz to 24.25 GHz voltage controlled oscillator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5901 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADF5901 Datasheet HTML 14Page - Analog Devices ADF5901 Datasheet HTML 15Page - Analog Devices ADF5901 Datasheet HTML 16Page - Analog Devices ADF5901 Datasheet HTML 17Page - Analog Devices ADF5901 Datasheet HTML 18Page - Analog Devices ADF5901 Datasheet HTML 19Page - Analog Devices ADF5901 Datasheet HTML 20Page - Analog Devices ADF5901 Datasheet HTML 21Page - Analog Devices ADF5901 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Data Sheet
ADF5901
Rev. A | Page 17 of 26
Figure 21. Register 2 (R2)
REGISTER 2
Control Bits
With Bits[C5:C1] set to 00010, Register R2 is programmed.
Figure 21 shows the input data format for programming this
register.
ADC Start
Bit DB15 starts the ADC conversion. Setting this bit to 1 starts
an ADC conversion.
ADC Average
Bits[DB14:DB13] program the ADC average, which is the
number of averages of the ADC output (see Figure 21).
ADC Clock Divider
Bits[DB12:DB5] program the clock divider, which is used as the
sampling clock for the ADC (see Figure 21). The output of the
R divider block clocks the ADC clock divider. Program a
divider value to ensure the ADC sampling clock is 1 MHz.
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
0
0
0
CONTROL
BITS
0
0
0
0
0
1
0
AS
AA0
AA0
AC7
AC6
AC5 AC4
AC3 AC2 AC1
AC0
C4(0) C3(0) C2(1) C1(0)
RESERVED
ADC CLOCK DIVIDER
ADC
AVERAGE
C5(0)
AC7
AC6
AC1
AC0
ADC CLOCK DIVIDER
0
0
0
1
1
0
0
1
0
2
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
1
1
0
0
124
1
1
0
1
125
1
1
1
0
126
1
1
1
1
127
.
.
.
.
.
.
.
.
.
.
AS
0
1
ADC START
START ADC CONVERSION
NORMAL OPERATION
AA1
AA0
ADC AVERAGE
0
0
1
0
1
2
1
0
3
1
1
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com