Electronic Components Datasheet Search
  English  ▼

X  

ADF5901 Datasheet(PDF) 19 Page - Analog Devices

Part # ADF5901
Description  24 GHz to 24.25 GHz voltage controlled oscillator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5901 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADF5901 Datasheet HTML 15Page - Analog Devices ADF5901 Datasheet HTML 16Page - Analog Devices ADF5901 Datasheet HTML 17Page - Analog Devices ADF5901 Datasheet HTML 18Page - Analog Devices ADF5901 Datasheet HTML 19Page - Analog Devices ADF5901 Datasheet HTML 20Page - Analog Devices ADF5901 Datasheet HTML 21Page - Analog Devices ADF5901 Datasheet HTML 22Page - Analog Devices ADF5901 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
ADF5901
Data Sheet
Rev. A | Page 18 of 26
Figure 22. Register 3 (R3)
REGISTER 3
Control Bits
With Bits[C5:C1] set to 00011, Register R3 is programmed.
Figure 22 shows the input data format for programming this
register.
MUXOUT Control
Bits[DB15:DB12] control the on-chip multiplexer of the
ADF5901. See Figure 22 for the truth table.
Input/Output (IO) Level
Bit DB11 controls the DOUT logic levels. Setting this bit to 0 sets
the DOUT logic level to 1.8 V. Setting this bit to 1 sets the DOUT
logic level to 3.3 V.
Readback Control
Bits[DB10:DB5] control the readback data to DOUT on the
ADF5901. See Figure 22 for the truth table.
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
0
1
1
0
0
0
1
0
0
1
M3
M2
M1
M0
IOL
RC5
RC4 RC3 RC2 RC1 RC0
C4(0) C3(0) C2(1) C1(1)
CONTROL
BITS
RESERVED
C5(0)
READBACK CONTRO L
RC3 RC2 RC1 RC0
READBACK CONTRO L
0
0
0
0
NONE
0
0
0
1
REGISTER 0
0
0
1
0
REGISTER 1
0
0
1
1
REGISTER 2
0
1
0
0
REGISTER 3
0
1
0
1
REGISTER 4
0
1
1
0
REGSITER 5
0
1
1
1
REGISTER 6
1
0
0
0
REGISTER 7
1
0
0
1
REGISTER 8
1
0
1
0
REGISTER 9
1
0
1
1
REGISTER 10
1
1
0
0
REGISTER11
.
.
.
.
RESERVED
0
1
0
1
RESERVED
0
1
1
0
ADC READBACK
RC4
0
0
0
0
0
0
0
0
0
0
0
0
0
.
1
1
0
1
1
1
RESERVED
.
.
.
.
RESERVED
.
.
.
.
RESERVED
1
1
1
1
RESERVED
1
.
.
1
M3 M2
M1 M0
MUXOUT
0
0
0
0
TRISTATE OUTPUT
0
0
0
1
LOGIC HIGH
0
0
1
0
LOGIC LOW
0
0
1
1
R-DIVIDER OUTPUT
0
1
0
0
N-DIVIDER OUTPUT
0
1
0
1
RESERVED
0
1
1
0
RESERVED
0
1
1
1
CAL BUSY
1
0
0
0
RESERVED
1
0
0
1
RESERVED
1
0
1
0
RESERVED
1
0
1
1
R-DIVIDER/2
1
1
0
0
N-DIVIDER/2
1
1
0
1
RESERVED
1
1
1
0
RESERVED
1
1
1
1
RESERVED
RC5
0
0
0
0
0
0
0
0
0
0
0
0
0
.
0
0
0
.
.
1
IOL
0
1
IO LEVEL
3.3V LOGIC OUTPUTS
1.8V LOGIC OUTPUTS
1DBR = DOUBLE-BUFFERED REGISTER.
MUXOUT DBR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com