Electronic Components Datasheet Search
  English  ▼

X  

ADA4350 Datasheet(PDF) 34 Page - Analog Devices

Part # ADA4350
Description  FET Input Analog Front End with ADC Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4350 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADA4350 Datasheet HTML 30Page - Analog Devices ADA4350 Datasheet HTML 31Page - Analog Devices ADA4350 Datasheet HTML 32Page - Analog Devices ADA4350 Datasheet HTML 33Page - Analog Devices ADA4350 Datasheet HTML 34Page - Analog Devices ADA4350 Datasheet HTML 35Page - Analog Devices ADA4350 Datasheet HTML 36Page - Analog Devices ADA4350 Datasheet HTML 37Page - Analog Devices ADA4350 Datasheet HTML 38Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
Data Sheet
ADA4350
Rev. B | Page 33 of 37
OPEN-LOOP GAIN
f
fP
G = 1
f
fX
fGBW
G = 1 + CS/CF
fZ
fN
I TO V GAIN
–135°
–90°
–45°
0°
45°
90°
G = RFCS(s)
Figure 60. Signal and Noise Gain and Phase of the Transimpedance Amplifier
Design with Compensation
The dominant output noise sources in the transimpedance
amplifier design are the input voltage noise of the amplifier,
VNOISE, and the resistor noise due to RF. The effect due to the
current noise is negligible in comparison. The gray line in
Figure 60 shows the noise gain and phase over frequencies for
the transimpedance amplifier. The noise bandwidth is at the fN
frequency, and is calculated by
F
F
S
GBW
N
C
C
C
f
f
/
)
(
(9)
Table 17 shows the dominant noise sources (RF and VNOISE) for
the transimpedance amplifier when it has a 45° phase margin for
the maximum bandwidth, and in this case, fZ = fX = fN.
Table 17. RMS Noise Contributions of Transimpedance
Amplifier
Contributor
Expression
RF
2
π
N
F
f
R
4kT
VNOISE
N
F
D
F
M
S
NOISE
f
C
2C
C
C
C
V
2
π



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com