Electronic Components Datasheet Search
  English  ▼

X  

ADA4350 Datasheet(PDF) 24 Page - Analog Devices

Part # ADA4350
Description  FET Input Analog Front End with ADC Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4350 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADA4350 Datasheet HTML 20Page - Analog Devices ADA4350 Datasheet HTML 21Page - Analog Devices ADA4350 Datasheet HTML 22Page - Analog Devices ADA4350 Datasheet HTML 23Page - Analog Devices ADA4350 Datasheet HTML 24Page - Analog Devices ADA4350 Datasheet HTML 25Page - Analog Devices ADA4350 Datasheet HTML 26Page - Analog Devices ADA4350 Datasheet HTML 27Page - Analog Devices ADA4350 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Data Sheet
ADA4350
Rev. B | Page 23 of 37
–0.40
–0.35
–0.30
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
TIME (100ns/DIV)
VS = ±2.5V
G = +1
VOUT2
VOUT1
Figure 35. Large Signal Step Response (Single-Ended Output), VS = ±2.5 V
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
TIME (100ns/DIV)
VS = ±2.5V
G = +1
Figure 36. Large Signal Step Response (Differential Output), VS = ±2.5 V
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
0.001
0.01
0.1
1
FREQUENCY (MHz)
HD2, DIFFERENTIAL
HD2, SINGLE-ENDED OUTPUT AT VOUT1
HD2, SINGLE-ENDED OUTPUT AT VOUT2
HD3, DIFFERENTIAL
HD3, SINGLE-ENDED OUTPUT AT VOUT1
HD3, SINGLE-ENDED OUTPUT AT VOUT2
VS = ±5V
VOUT = 4V p-p DIFFERENTIAL, 2V p-p SINGLE-ENDED
G = +1
5
Figure 37. Harmonic Distortion vs. Frequency
OUTPUT OFFSET VOLTAGE (µV)
–400
–300
–200
–100
0
100
–350
–250
–150
–50
50
150
40
30
20
10
0
35
25
15
5
VS = ±5V
326 UNITS
x = –35.9µV
σ = 85.18µV
Figure 38. Differential Output Offset Voltage
0
20
40
60
80
100
120
140
160
180
–4.8
–3.2
–1.6
0
1.6
3.2
4.8
6.4
OFFSET VOLTAGE DRIFT (µV/°C)
VS = ±5V
640 UNITS
X = 0.51µV/°C
σ = 1.37µV/°C
Figure 39. Differential Output Offset Voltage Drift
0
10
20
30
40
50
60
–200 –170 –140 –110 –80
–50
–20
10
40
70
100
OFFSET VOLTAGE (µV)
VS = ±5V
326 UNITS
FOR P1:
x = –11.87µV
σ = 37.1µV
FOR M1:
x = 6.17µV
σ = 30.27µV
Figure 40. Single-Ended Output Offset Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com