Electronic Components Datasheet Search
  English  ▼

X  

ADA4350 Datasheet(PDF) 25 Page - Analog Devices

Part # ADA4350
Description  FET Input Analog Front End with ADC Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4350 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADA4350 Datasheet HTML 21Page - Analog Devices ADA4350 Datasheet HTML 22Page - Analog Devices ADA4350 Datasheet HTML 23Page - Analog Devices ADA4350 Datasheet HTML 24Page - Analog Devices ADA4350 Datasheet HTML 25Page - Analog Devices ADA4350 Datasheet HTML 26Page - Analog Devices ADA4350 Datasheet HTML 27Page - Analog Devices ADA4350 Datasheet HTML 28Page - Analog Devices ADA4350 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
ADA4350
Data Sheet
Rev. B | Page 24 of 37
OFFSET VOLTAGE DRIFT (µV/°C)
0
20
40
60
80
100
120
140
160
180
–2.6
–2.0
–1.4
–0.8
–0.2
0.4
1.0
1.6
2.2
2.8
VS = ±5V
640 UNITS
FOR P1:
x = –0.06µV/°C
σ = 0.54µV/°C
FOR M1:
x = –0.22µV/°C
σ = 0.4µV/°C
Figure 41. Single-Ended Offset Voltage Drift
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
0.001
0.01
0.1
1
10
FREQUENCY (MHz)
VS = ±5V
VCM = ±0.5V
Figure 42. CMRR vs. Frequency
–6
–4
–2
0
2
4
6
TIME (100ns/DIV)
VS = ±5V
G = +2
RF = 1kΩ
RL = 500Ω
VIN × 2
VOUT
Figure 43. Output Overdrive Recovery (P1 Only)
–6
–4
–2
0
2
4
6
TIME (100ns/DIV)
VS = ±5V
G = +2
RF = 1kΩ
RL = 500Ω
VOUT
VIN × 2
Figure 44. Output Overdrive Recovery (M1 Only)
–120
–100
–80
–60
–40
–20
0
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VS = ±5V
–PSRR
+PSRR
Figure 45. PSRR vs. Frequency (P1 Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com