Electronic Components Datasheet Search
  English  ▼

X  

ADA4350 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4350
Description  FET Input Analog Front End with ADC Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4350 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4350 Datasheet HTML 2Page - Analog Devices ADA4350 Datasheet HTML 3Page - Analog Devices ADA4350 Datasheet HTML 4Page - Analog Devices ADA4350 Datasheet HTML 5Page - Analog Devices ADA4350 Datasheet HTML 6Page - Analog Devices ADA4350 Datasheet HTML 7Page - Analog Devices ADA4350 Datasheet HTML 8Page - Analog Devices ADA4350 Datasheet HTML 9Page - Analog Devices ADA4350 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Data Sheet
ADA4350
Rev. B | Page 5 of 37
±5 V INTERNAL SWITCHING NETWORK AND DIGITAL PINS
TA = 25°C, +VS = +5 V, −VS = −5 V, unless otherwise specified. See Figure 1 for feedback and sampling switches notation.
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FEEDBACK/SAMPLE ANALOG SWITCH
Analog Signal Range
−5
+5
V
Switch On-Resistance
Feedback
RON, FB
For S0 to S2, VCM = 0 V
149
196
Ω
TA = 85°C
195
Ω
For S3 to S5, VCM = 0 V
149
196
Ω
TA = 85°C
195
Ω
Sampling
RON, S
For S6 to S8, VCM = 0 V
297
356
Ω
TA = 85°C
390
Ω
For S9 to S11, VCM = 0 V
297
356
Ω
TA = 85°C
388
Ω
On-Resistance Match Between Channels
Feedback Resistance
ΔRON, FB
VCM = 0 V
2
15
Ω
Sampling Resistance
ΔRON, S
VCM = 0 V
2
14
Ω
SWITCH LEAKAGE CURRENTS
Sampling and Feedback Switch Off Leakage
IS (OFF)
±0.5
±1.7
pA
TA = 85°C
±40
±120
pA
DYNAMIC CHARACTERISTICS
Power-On Time
tON
DVDD = 5 V
76
ns
DVDD = 3.3 V
80
ns
Power-Off Time
tOFF
DVDD = 5 V
86
ns
DVDD = 3.3 V
90
ns
Off Isolation
RL = 50 Ω, f = 1 MHz
Feedback Switches
−92
dB
Sampling Switches
−118
dB
Channel to Channel Crosstalk
RL = 50 Ω, f = 1 MHz
−86
dB
Worst Case Switch Feedback Capacitance (Switch Off)
CFB (OFF)
0.1
pF
THRESHOLD VOLTAGES FOR DIGITAL INPUT PINS
EN, MODE, DGND, LATCH/P0,
SCLK/P1, SDO/P2, SDI/P3, CS/P41
Input High Voltage
VIH
DVDD = 5 V
2.0
V
DVDD = 3.3 V
1.5
V
Input Low Voltage
VIL
DVDD = 5 V
1.4
V
DVDD = 3.3 V
1.0
V
DIGITAL SUPPLIES
DVDD, DGND
Digital Supply Range
3.3
5.5
V
Quiescent Current
Enabled
50
µA
Disabled
0.6
µA
+VS to DGND Head Room
≥3.3
V
1
When referring to a single function of a multifunction pin, only the portion of the pin name that is relevant to the specification is listed. For full pin names of
multifunction pins, refer to the Pin Configuration and Function Descriptions section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com