Electronic Components Datasheet Search
  English  ▼

X  

ADA4350 Datasheet(PDF) 36 Page - Analog Devices

Part # ADA4350
Description  FET Input Analog Front End with ADC Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4350 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADA4350 Datasheet HTML 30Page - Analog Devices ADA4350 Datasheet HTML 31Page - Analog Devices ADA4350 Datasheet HTML 32Page - Analog Devices ADA4350 Datasheet HTML 33Page - Analog Devices ADA4350 Datasheet HTML 34Page - Analog Devices ADA4350 Datasheet HTML 35Page - Analog Devices ADA4350 Datasheet HTML 36Page - Analog Devices ADA4350 Datasheet HTML 37Page - Analog Devices ADA4350 Datasheet HTML 38Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
Data Sheet
ADA4350
Rev. B | Page 35 of 37
FREQUENCY (Hz)
10k
100k
1M
10M
100M
1k
10k
100k
1M
0.1k
0.01k
RF0 = 1kΩ, CF0 = 100pF
RF1 = 3kΩ, CF1 = 56pF
RF2 = 10kΩ, CF2 = 33pF
RF3 = 30kΩ, CF3 = 18 pF
RF4 = 100kΩ, CF4 = 10pF
CD = 10nF
Figure 64. Transimpedance vs. Frequency, CD = 10 nF
FREQUENCY (Hz)
10k
100k
1M
10M
100M
1k
10k
100k
1M
0.1k
0.01k
CD = 100nF
RF0 = 1kΩ, CF0 = 300pF
RF1 = 3kΩ, CF1 = 180pF
RF2 = 10kΩ, CF2 = 100pF
RF3 = 30kΩ, CF3 = 56pF
RF4 = 100kΩ, CF4 = 33pF
Figure 65. Transimpedance vs. Frequency, CD = 100 nF
THE EFFECT OF LOW FEEDBACK RESISTOR RFx
As the load of the transimpedance amplifier increases, excessive
peaking in the frequency response can be observed when the RFx
value is too small. This peaking can persist even when excessive
CFx overcompensates for it. Figure 66 shows the ADA4350
configured with a photodiode capacitance value of 91 pF and
a 1 kΩ transimpedance load. Figure 67 shows the normalized
frequency response of this configuration. By decreasing RF from
500 Ω to 68 Ω, the peaking in the frequency response increases
progressively. The large peaking translates to a huge overshoot
in the pulse response, which is an undesirable result.
+
–
CD = 91pF
1kΩ
TIA
*OVERCOMPENSATES
VOUT
RFx
CFx*
IPHOTO
Figure 66. Transimpedance Amplifier Circuit
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
7
8
9
10
11
FREQUENCY (Hz)
CD = 91pF
RFx = 250Ω, CFx = 33pF
RFx = 125Ω, CFx =47pF
RFx = 68Ω, CFx = 100pF
10k
100k
1M
100M
10M
RFx = 500Ω, CFx = 20pF
Figure 67. Normalized Frequency Response with Decreasing RF (See Figure 66)
To mitigate this effect, use an additional snubber circuit at the
output of the FET input amplifier, as shown in Figure 68. In this
configuration, the feedback resistor (RFx) is 68 Ω, and the capacitance
of the photodiode is 40 pF.
+
–
CD = 40pF
1kΩ
RS
CS
TIA
68Ω
100pF
IPHOTO
Figure 68. Snubber Circuit Added to Mitigate Peaking
Figure 69 shows the effect of various snubber circuits clamping
down the peaking. Without the snubber circuit, there is 6 dB of
peaking when an overcompensated CFx of 100 pF is used. With
the snubber circuits, the bandwidth is restricted to approximately
10 MHz. To compromise between the peaking and the bandwidth,
adjust the values of the snubber circuit.
–9
–6
–3
0
3
6
FREQUENCY (Hz)
100k
1M
10M
100M
NO SNUBBER
RS = 10Ω, CS = 5.6nF
RF = 68Ω
CF = 100pF
CD = 40pF
RL = 1kΩ
RS = 10Ω,CS = 33nF
RS = 10Ω, CS = 10nF
Figure 69. Effect of Snubber Circuits on the Transimpedance Frequency Response
(See Figure 68)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com