Electronic Components Datasheet Search
  English  ▼

X  

ADA4350 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4350
Description  FET Input Analog Front End with ADC Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4350 Datasheet(HTML) 1 Page - Analog Devices

  ADA4350 Datasheet HTML 1Page - Analog Devices ADA4350 Datasheet HTML 2Page - Analog Devices ADA4350 Datasheet HTML 3Page - Analog Devices ADA4350 Datasheet HTML 4Page - Analog Devices ADA4350 Datasheet HTML 5Page - Analog Devices ADA4350 Datasheet HTML 6Page - Analog Devices ADA4350 Datasheet HTML 7Page - Analog Devices ADA4350 Datasheet HTML 8Page - Analog Devices ADA4350 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
FET Input Analog Front End
with ADC Driver
Data Sheet
ADA4350
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low noise, low input bias current FET input amplifier
Very low input bias current: ±0.25 pA typical at 25°C
Low input voltage noise
92 nV/√Hz typical at 10 Hz at 5 V
5 nV/√Hz typical at 100 kHz at ±5 V
Gain bandwidth product: 175 MHz
Input capacitance
3 pF typical, differential mode
2 pF typical, common mode
Integrated gain switching
Sampling and feedback switch off leakage: ±0.5 pA typical
Worst case tON/tOFF times: 105 ns typical/65 ns typical
Integrated analog-to-digital converter (ADC) driver
Differential mode and single-ended mode
Adjustable output common-mode voltage
−5 V to +3.8 V typical for ±5 V supply
Wide output voltage swing: ±4.8V minimum for ±5 V supply
Linear output current: 18 mA rms typical for ±5V supply
SPI or parallel switch control of all functions
Wide operating range: 3.3 V to 12 V
Quiescent current: 8.5 mA typical (±5 V full system)
APPLICATIONS
Current to voltage (I to V) conversions
Photodiode preamplifiers
Chemical analyzers
Mass spectrometry
Molecular spectroscopy
Laser/LED receivers
Data acquisition systems
GENERAL DESCRIPTION
The ADA4350 is an analog front end for photodetectors or other
sensors whose output produces a current proportional to the
sensed parameter or voltage input applications where the system
requires the user to select between very precise gain levels to
maximize the dynamic range.
The ADA4350 integrates a FET input amplifier, a switching network,
and an ADC driver with all functions controllable via a serial
peripheral interface (SPI) or parallel control logic into a single
IC. The FET input amplifier has very low voltage noise and current
noise making it an excellent choice to work with a wide range of
photodetectors, sensors, or precision data acquisition systems.
Its switching network allows the user individual selection of up
to six different, externally configurable feedback networks; by
using external components for the feedback network, the user
can more easily match the system to their desired photodetector or
sensor capacitance. This feature also allows the use of low thermal
drift resistors, if required.
The design of the switches minimizes error sources so that they
add virtually no error in the signal path. The output driver can
be used in either single-ended or a differential mode and is
ideal for driving the input of an ADC.
The ADA4350 can operate from a single +3.3 V supply or a dual
±5 V supply, offering user flexibility when choosing the polarity of
the detector. It is available in a Pb-free, 28-lead TSSOP package and
is specified to operate over the −40°C to +85°C temperature range.
Multifunction pin names may be referenced by their relevant
function only.
FUNCTIONAL BLOCK DIAGRAM
VOUT2
ADC DRIVER
SWITCHING NETWORK
FET AMP
IN-P
VOUT1
SPI INTERFACE
IN-N
ADA4350
3
26
25
23
2
28
1
27
4
5
6
7
8
9
22
21
20
19
17
16
13
12
11
10
S0
S1
S2
S6
S7
S8
S3
S4
S5
S9
S10
S11
M1
P1
Figure 1.


Similar Part No. - ADA4350

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4351-2 AD-ADA4351-2 Datasheet
4Mb / 36P
Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA)
Rev. 0
ADA4351-2ACPZ AD-ADA4351-2ACPZ Datasheet
4Mb / 36P
Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA)
Rev. 0
ADA4351-2ACPZ-R7 AD-ADA4351-2ACPZ-R7 Datasheet
4Mb / 36P
Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA)
Rev. 0
ADA4351-2ACPZ-RL AD-ADA4351-2ACPZ-RL Datasheet
4Mb / 36P
Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA)
Rev. 0
ADA4352-2 AD-ADA4352-2 Datasheet
1Mb / 47P
Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
Rev. 0; 10/24
More results

Similar Description - ADA4350

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73360 AD-AD73360 Datasheet
281Kb / 35P
Six-Input Channel Analog Front End
REV.A
AD73360L AD-AD73360L Datasheet
287Kb / 32P
Six-Input Channel Analog Front End
REV.0
AD73460 AD-AD73460 Datasheet
290Kb / 32P
Six-Input Channel Analog Front End
REV.0
AD73360LARZ AD-AD73360LARZ Datasheet
281Kb / 35P
Six-Input Channel Analog Front End
REV. A
AD73360ARZ AD-AD73360ARZ Datasheet
281Kb / 35P
Six-Input Channel Analog Front End
REV. A
AD73360 AD-AD73360_15 Datasheet
281Kb / 35P
Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_15 Datasheet
271Kb / 32P
Six-Input Channel Analog Front End
REV. 0
AD73460 AD-AD73460_15 Datasheet
597Kb / 32P
Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_17 Datasheet
302Kb / 33P
Six-Input Channel Analog Front End
23-Feb-2017
AD73360 AD-AD73360_17 Datasheet
377Kb / 36P
Six-input Channel Analog Front End
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com