| Electronic Components Datasheet Search |
|
ADA4350 Datasheet(PDF) 28 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4350 Datasheet(HTML) 28 Page - Analog Devices |
|
28 / 38 page ![]() Data Sheet ADA4350 Rev. B | Page 27 of 37 THEORY OF OPERATION KELVIN SWITCHING TECHNIQUES Traditional gain selectable amplifiers use analog switches in a feedback loop to connect discrete external resistors and capacitors to the inverting input by selecting the appropriate feedback path. This approach introduces several errors due to the nonideal nature of the analog switches in the loop. For example, the on-resistance of the analog switch causes voltage and temperature dependent gain errors, while the leakage current causes offset errors, especially at high temperature. The Kelvin switching technique solves this problem by introducing two switches in each gain selection loop, one to connect the transimpedance/ op amp output to the feedback network, and the other to connect the feedback network output to the downstream components. Figure 54 shows a programmable gain transimpedance amplifier with Kelvin switching. VOUT V1 V2 S2B HIGH IMPEDANCE LOAD EXAMPLE S1B S2A S1A CF1 RF1 RL CF2 RF2 IPHOTO NOTES 1. S1A, S1B, S2A, AND S2B ARE THE ANALOG SWITCHES. RFx ARE THE FEEDBACK RESISTORS SPECIFIC TO EACH TRANSIMPEDANCE PATH. CFx ARE THE FEEDBACK CAPACITORS SPECIFIC TO EACH TRANSIMPEDANCE PATH. Figure 54. Programmable Gain Transimpedance Amplifier with Kelvin Switching Although this technique requires using twice as many switches, the voltage (Vx) in the center node is no longer switch dependent; it is only dependent on the current across the selected resistor (see Equation 1 through Equation 3). VOUT = −IPHOTO × (RF2 + RS1B) (1) V1 = VOUT × (RF2/(RF2 + RS1B)) (2) Substituting Equation 1 into Equation 2, V1 = −IPHOTO × RF2 (3) where: VOUT is the output of the first amplifier. IPHOTO is the current from the photodiode. RF2 is the feedback resistor of Transimpedance Path 2. RS1B is the switch resistance of the S1B switch. The switches shown on the right (S2A and S2B) in Figure 54 only have a small output impedance and contribute negligible error if the amplifier drives a high impedance load. In the case of the ADA4350, the high impedance load is the integrated ADC driver. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |