Electronic Components Datasheet Search
  English  ▼

X  

ADA4350 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4350
Description  FET Input Analog Front End with ADC Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4350 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4350 Datasheet HTML 8Page - Analog Devices ADA4350 Datasheet HTML 9Page - Analog Devices ADA4350 Datasheet HTML 10Page - Analog Devices ADA4350 Datasheet HTML 11Page - Analog Devices ADA4350 Datasheet HTML 12Page - Analog Devices ADA4350 Datasheet HTML 13Page - Analog Devices ADA4350 Datasheet HTML 14Page - Analog Devices ADA4350 Datasheet HTML 15Page - Analog Devices ADA4350 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Data Sheet
ADA4350
Rev. B | Page 11 of 37
5 V ADC DRIVER
TA = 25°C, +VS = 5 V, −VS = 0 V, unless otherwise specified. See Figure 1 for the P1 and M1 amplifiers, RL = 1 kΩ when differential, and RL =
500 Ω when single-ended.
Table 8.
Parameter
Test Conditions/Comments1
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
When used differentially, VOUT = 0.1 V p-p
33
MHz
When used differentially, VOUT = 2.0 V p-p
16
MHz
When P1 is used, VOUT = 50 mV p-p
47
MHz
When P1 is used, VOUT = 1.0 V p-p
16
MHz
When M1 is used, VOUT = 50 mV p-p
37
MHz
When M1 is used, VOUT = 1.0 V p-p
18
MHz
Overdrive Recovery Time
For P1, positive recovery/negative recovery
200/200
ns
For M1, positive recovery/negative recovery
140/120
ns
Slew Rate
When differentially used, VOUT = 2 V step
37
V/µs
When P1 or M1 is single-ended, VOUT = 1 V step
20
V/µs
Settling Time 0.1%
When used differentially, VOUT = 2 V step
75
ns
When P1 is used, VOUT = 1 V step
60
ns
When M1 is used, VOUT = 1 V step
60
ns
NOISE/DISTORTION PERFORMANCE
Harmonic Distortion (HD2/HD3)
When used differentially, fC = 100 kHz,
VOUT = 1 V p-p
−117/−116
dBc
When used differentially, fC = 1 MHz,
VOUT = 1 V p-p
−80/−85
dBc
When P1 is used, fC = 100 kHz, VOUT = 500 mV p-p
−108/−115
dBc
When P1 is used, fC = 1 MHz, VOUT = 500 mV p-p
−80/−83
dBc
When M1 is used, fC = 100 kHz, VOUT = 500 mV p-p
−103/−107
dBc
When M1 is used, fC = 1 MHz, VOUT = 500 mV p-p
−75/−78
dBc
Referred to Input (RTI) Voltage Noise
For P1, f = 10 Hz
60
nV/√Hz
For P1, f = 100 kHz
5.2
nV/√Hz
Referred to Output (RTO) Voltage Noise
For P1and M1, f = 10 Hz, measured at VOUT2
140
nV/√Hz
For P1 and M1, f = 100 kHz, measured at VOUT2
18
nV/√Hz
Input Current Noise
f = 100 kHz, referred to P1
1.1
pA/√Hz
DC PERFORMANCE
Output Offset Voltage
Differential
0.15
0.75
mV
Input Offset Voltage Drift
Differential
0.6
16
µV/°C
Output Offset Voltage
Single-ended, P1 only
60
275
µV
Single-ended, M1 only
70
250
µV
Input Offset Voltage Drift
Single-ended, P1 only
0.1
5.9
µV/°C
Single-ended, M1 only
0.3
4.5
µV/°C
Input Bias Current
P1 only at VIN1 pin
60
230
nA
P1 only at RF1 pin
60
350
nA
M1 only at REF pin
60
200
nA
Input Offset Current
P1 only
60
270
nA
Open-Loop Gain
P1 only, VOUT = 1.5 V to 3.5 V
94
100
dB
Gain
M1 only
1.99
1.9995
2.01
V/V
Gain Error
−0.5
+0.5
%
Gain Error Drift
0.6
3.4
ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com