Electronic Components Datasheet Search
  English  ▼

X  

ADA4350 Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4350
Description  FET Input Analog Front End with ADC Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4350 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4350 Datasheet HTML 13Page - Analog Devices ADA4350 Datasheet HTML 14Page - Analog Devices ADA4350 Datasheet HTML 15Page - Analog Devices ADA4350 Datasheet HTML 16Page - Analog Devices ADA4350 Datasheet HTML 17Page - Analog Devices ADA4350 Datasheet HTML 18Page - Analog Devices ADA4350 Datasheet HTML 19Page - Analog Devices ADA4350 Datasheet HTML 20Page - Analog Devices ADA4350 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
ADA4350
Data Sheet
Rev. B | Page 16 of 37
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
RF1
VOUT1
FB5
FB2
FB3
FB4
SWB_OUT
SWA_OUT
VOUT2
REF
SDI/P3
CS/P4
DVDD
FB1
FB0
IN-N
SWB_IN
–VS
SWA_IN
IN-P
SDO/P2
SCLK/P1
LATCH/P0
EN
+VS
MODE
DGND
VIN1
ADA4350
(Not to Scale)
TOP VIEW
Figure 5. Pin Configuration
Table 12. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SWB_OUT
Switch Group B (S3 to S5 and S9 to S11) Output.
2
RF1
Feedback Resistor for Output Differential Amplifier.
3
VOUT1
Differential Amplifier Output 1.
4
FB5
Feedback Pin 5 for FET Input Amplifier.
5
FB4
Feedback Pin 4 for FET Input Amplifier.
6
FB3
Feedback Pin 3 for FET Input Amplifier.
7
FB2
Feedback Pin 2 for FET Input Amplifier.
8
FB1
Feedback Pin 1 for FET Input Amplifier.
9
FB0
Feedback Pin 0 for FET Input Amplifier.
10
IN-N
FET Input Amplifier Inverting Input.
11
IN-P
FET Input Amplifier Noninverting Input.
12
SWA_IN
Switch Group A (S0 to S2 and S6 to S8) Input.
13
SWB_IN
Switch Group B (S3 to S5 and S9 to S11) Input.
14
−VS
Analog Negative Supply.
15
+VS
Analog Positive Supply.
16
EN
Enable Pin.
17
MODE
Mode Pin. Use this pin to switch between the SPI interface and the parallel interface.
18
DGND
Digital Ground.
19
LATCH/P0
Latch Bit in the Serial Mode (LATCH). Parallel Data Bit 0 in parallel mode (P0).
20
SCLK/P1
Digital Clock in Serial Mode (SCLK). Parallel Data Bit 1 in parallel mode (P1).
21
SDO/P2
Serial Data Out in Serial Mode (SDO). Parallel Data Bit 2 in parallel mode (P2).
22
SDI/P3
Serial Data In in Serial Mode (SDI). Parallel Data Bit 3 in parallel mode (P3).
23
CS/P4
Select Bit in Serial Mode (CS). Parallel Data Bit 4 in parallel mode (P4).
24
DVDD
Digital Positive Supply.
25
REF
Reference for the ADC Driver at M1.
26
VOUT2
Differential Amplifier Output 2.
27
SWA_OUT
Switch Group A (S0 to S2 and S6 to S8) Output.
28
VIN1
Differential Amplifier Noninverting Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com