Electronic Components Datasheet Search
  English  ▼

X  

ADA4350 Datasheet(PDF) 29 Page - Analog Devices

Part # ADA4350
Description  FET Input Analog Front End with ADC Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4350 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADA4350 Datasheet HTML 25Page - Analog Devices ADA4350 Datasheet HTML 26Page - Analog Devices ADA4350 Datasheet HTML 27Page - Analog Devices ADA4350 Datasheet HTML 28Page - Analog Devices ADA4350 Datasheet HTML 29Page - Analog Devices ADA4350 Datasheet HTML 30Page - Analog Devices ADA4350 Datasheet HTML 31Page - Analog Devices ADA4350 Datasheet HTML 32Page - Analog Devices ADA4350 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
ADA4350
Data Sheet
Rev. B | Page 28 of 37
APPLICATIONS INFORMATION
CONFIGURING THE ADA4350
See the EVAL-ADA4350RUZ-P user guide for details on the
basic configuration of the ADA4350, and how to use the
evaluation board. For more details on configuring the ADC
driver in a different gain setting, see the ADA4941-1 data sheet.
The gain settings of the ADA4350 can be chosen via the SPI
interface or manually through a 5-lead DIP switch.
SELECTING THE TRANSIMPEDANCE GAIN PATHS
MANUALLY OR THROUGH THE PARALLEL
INTERFACE
In the manual mode (or parallel mode), only five out of the six
transimpedance paths can be accessed (FB0 to FB4). Figure 55
shows the simplified schematics of the ADA4350 and the positions
of FB0 to FB4. In this example, the first two feedback paths
(FB0 and FB1) are configured as two different transimpedance
gain paths.
To operate in manual mode or in parallel mode, set the EN pin
(Pin 16) and the MODE pin (Pin 17) to Logic 1. In this mode,
Pin 19 to Pin 23 represent P0 through P4, respectively. To select
one gain, set the corresponding Px pin to Logic 1, and set all
other Px pins to Logic 0. Table 13 shows the relationship between
the gain select switches (P0 through P4) and the gain path
selected.
Setting more than one Px pin to Logic 1 results in connecting
the selected gain paths in parallel.
Table 13. Manual Mode or Parallel Mode Operation
Bit On
Switch Closed
Gain Path Selected
P0
S0 and S6
FB0
P1
S1 and S7
FB1
P2
S2 and S8
FB2
P3
S3 and S9
FB3
P4
S4 and S10
FB4
SELECTING THE TRANSIMPEDANCE GAIN PATHS
THROUGH THE SPI INTERFACE (SERIAL MODE)
For serial mode operation, set the EN pin (Pin 16) to Logic 1
and the MODE pin (Pin 17) to Logic 0. In serial mode, Pin 19
is LATCH, Pin 20 is SCLK, Pin 21 is SDO, Pin 22 is SDI, and Pin 23
is CS. Serial mode operation uses a 24-bit command to configure
each individual switch, S0 through S11, as well as additional
options. Table 14 shows the 24-bit map used in serial mode
operation. Table 15 shows the example codes that select the
various transimpedance gain paths.
Multifunction pin names may be referenced by their relevant
function only.
VOUT2
ADC DRIVER
SWITCHING NETWORK
FET AMP
IN-P
VOUT1
SPI INTERFACE
IN-N
ADA4350
3
26
25
23
2
28
1
27
4
5
6
7
8
9
22
21
20
19
17
16
13
12
11
10
S0
S1
S2
S6
S7
S8
S3
S4
S5
S9
S10
S11
M1
P1
RF0
CF0
RF1
CF1
Figure 55. Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com