Electronic Components Datasheet Search
  English  ▼

X  

ADA4350 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4350
Description  FET Input Analog Front End with ADC Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4350 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4350 Datasheet HTML 6Page - Analog Devices ADA4350 Datasheet HTML 7Page - Analog Devices ADA4350 Datasheet HTML 8Page - Analog Devices ADA4350 Datasheet HTML 9Page - Analog Devices ADA4350 Datasheet HTML 10Page - Analog Devices ADA4350 Datasheet HTML 11Page - Analog Devices ADA4350 Datasheet HTML 12Page - Analog Devices ADA4350 Datasheet HTML 13Page - Analog Devices ADA4350 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Data Sheet
ADA4350
Rev. B | Page 9 of 37
5 V FET INPUT AMPLIFIER
TA = 25°C, +VS = 5 V, −VS = 0 V, RL = 1 kΩ, unless otherwise specified.
Table 6.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = −5, VOUT = 100 mV p-p
25
MHz
G = −5, VOUT = 1 V p-p
24
MHz
Gain Bandwidth Product
175
MHz
Slew Rate
VOUT = 2 V step, 10% to 90%
56
V/µs
Settling Time to 0.1%
G = −5, VOUT = 2 V step
60
ns
NOISE/HARMONIC PERFORMANCE
Harmonic Distortion (HD2/HD3)
f = 100 kHz, VOUT = 1 V p-p, G = −5
−113/−117
dBc
f = 1 MHz, VOUT = 1 V p-p, G = −5
−82/−83
dBc
Input Voltage Noise
f = 10 Hz
92
nV/√Hz
f = 100 kHz
4.4
nV/√Hz
DC PERFORMANCE
Input Offset Voltage
25
80
µV
Input Offset Voltage Drift
From −40°C to +85°C
0.1
1.5
µV/°C
From 25°C to 85°C
0.05
1
µV/°C
Input Bias Current
At 25°C
±0.35
±1.6
pA
At 85°C
±8.5
±30
pA
Input Bias Offset Current
At 25°C
±0.25
±1.25
pA
At 85°C
±0.4
pA
Open-Loop Gain
VOUT = 1.5 V to 3.5 V
98
102
dB
INPUT CHARACTERISTICS
Input Resistance
Common mode
100
GΩ
Input Capacitance
Common mode
2
pF
Differential mode
3
pF
Input Common-Mode Voltage Range
CMRR > 80 dB
0.5
3.8
V
CMRR > 68 dB
0
3.9
V
Common-Mode Rejection Ratio
VCM = ± 0.5V
88
94
dB
OUTPUT CHARACTERISTICS
Output Overdrive Recovery Time
VOUT = VS ± 10%, positive/negative
60/50
ns
Output Voltage Swing
G = +21, RF = 1 kΩ, RL open measured at FBx
1.15 to 3.46
0.86 to 3.66
V
G = +21, RF = 100 kΩ, RL open measured at FBx
0.27 to 4.80
0.08 to 4.87
V
Linear Output Current
VOUT = 1 V p-p, 60 dB SFDR
10
mA rms
Short-Circuit Current
Sinking/sourcing
32/38
mA
POWER SUPPLY
Operating Range
3.3
12
V
Positive Power Supply Rejection Ratio
90
100
dB
Negative Power Supply Rejection Ratio
86
100
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com