Electronic Components Datasheet Search
  English  ▼

X  

ADA4350 Datasheet(PDF) 31 Page - Analog Devices

Part # ADA4350
Description  FET Input Analog Front End with ADC Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4350 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADA4350 Datasheet HTML 27Page - Analog Devices ADA4350 Datasheet HTML 28Page - Analog Devices ADA4350 Datasheet HTML 29Page - Analog Devices ADA4350 Datasheet HTML 30Page - Analog Devices ADA4350 Datasheet HTML 31Page - Analog Devices ADA4350 Datasheet HTML 32Page - Analog Devices ADA4350 Datasheet HTML 33Page - Analog Devices ADA4350 Datasheet HTML 34Page - Analog Devices ADA4350 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
ADA4350
Data Sheet
Rev. B | Page 30 of 37
SPICE MODEL
The SPICE model only supports parallel mode operation.
Pin P5 enables parallel mode and allows full switching network
functionality.
The EN and MODE inputs are internally set to high and low,
respectively, and are not accessible in this model. Figure 56
shows the recommended symbol pins when creating the
ADA4350 symbol in the SPICE simulator.
ADA4350
U1
VOUT1
IN_N
IN_P
VCC
VEE
DVDD
DGND
VOUT2
3
26
12
9
10
11
15
14
24
18
8
7
6
5
4
27
1
28
2
13
19
20
21
22
23
25
Figure 56. Recommended Symbol Layout
Table 16. Model Pin Descriptions
Symbol Pin
Model Node
Pin No.
Mnemonic
1
N10
10
IN_N
2
N11
11
IN_P
3
VCC
15
VCC
4
VEE
14
VEE
5
VDD
24
DVDD
6
DGND
18
DGND
7
N12
12
SWA_IN
8
N13
13
SWB_IN
9
PO
19
LATCH/P0
10
P1
20
SCLK/P1
11
P2
21
SDO/P2
12
P3
22
SDI/P3
13
P4
23
CS/P4
14
P5
Not applicable
P5
15
N25
25
REF
16
N26
26
VOUT2
17
N3
3
VOUT1
18
N2
2
RF1
19
N28
28
VIN1
20
27
27
SWA_OUT
21
1
1
SWB_OUT
22
4
4
FB5
23
5
5
FB4
24
6
6
FB3
25
7
7
FB2
26
8
8
FB1
27
9
9
FB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com