Electronic Components Datasheet Search
  English  ▼

X  

ADA4350 Datasheet(PDF) 23 Page - Analog Devices

Part # ADA4350
Description  FET Input Analog Front End with ADC Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4350 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADA4350 Datasheet HTML 19Page - Analog Devices ADA4350 Datasheet HTML 20Page - Analog Devices ADA4350 Datasheet HTML 21Page - Analog Devices ADA4350 Datasheet HTML 22Page - Analog Devices ADA4350 Datasheet HTML 23Page - Analog Devices ADA4350 Datasheet HTML 24Page - Analog Devices ADA4350 Datasheet HTML 25Page - Analog Devices ADA4350 Datasheet HTML 26Page - Analog Devices ADA4350 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
ADA4350
Data Sheet
Rev. B | Page 22 of 37
ADC DRIVER
Unless stated otherwise, RL = 1 kΩ differential, and RL = 500 Ω when single-ended. For VS = ±5 V, DVDD = +5 V, and for VS = +5 V (or ±2.5 V),
DVDD = +3.3 V.
–9
–6
–3
0
3
6
0.1
1
10
100
FREQUENCY (MHz)
VS = 5V
RF = 1kΩ
VOUT (SINGLE-ENDED) = 50mV p-p
VOUT (DIFFERENTIAL) = 100mV p-p
P1 GAIN = 1
SINGLE-ENDED
OUTPUT AT VOUT1
SINGLE-ENDED
OUTPUT AT VOUT2
DIFFERENTIAL
Figure 29. Small Signal Frequency Response, VS = 5 V
–9
–6
–3
0
3
0.1
1
10
100
FREQUENCY (MHz)
DIFFERENTIAL
SINGLE-ENDED
OUTPUT AT VOUT1
SINGLE-ENDED
OUTPUT AT VOUT2
VS = 5V
RF = 1kΩ
VOUT (SINGLE-ENDED) = 1V p-p
VOUT (DIFFERENTIAL) = 2V p-p
P1 GAIN = 1
Figure 30. Large Signal Frequency Response, VS = 5 V
–9
–6
–3
0
3
6
0.1
1
10
100
FREQUENCY (MHz)
VS = ±5V
RF = 1kΩ
VOUT (SINGLE-ENDED) = 50mV p-p
VOUT (DIFFERENTIAL) = 100mV p-p
P1 GAIN = 1
SINGLE-ENDED
OUTPUT AT VOUT1
SINGLE-ENDED
OUTPUT AT VOUT2
DIFFERENTIAL
Figure 31. Small Signal Frequency Response, VS = ±5 V
–9
–6
–3
0
3
0.1
1
10
100
FREQUENCY (MHz)
DIFFERENTIAL
VS = ±5V
RF = 1kΩ
VOUT (SINGLE-ENDED) = 1V p-p
VOUT (DIFFERENTIAL) = 2V p-p
P1 GAIN = 1
SINGLE-ENDED
OUTPUT AT VOUT1
SINGLE-ENDED
OUTPUT AT VOUT2
Figure 32. Large Signal Frequency Response, VS =±5 V
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
TIME (100ns/DIV)
VS = ±5V
G = +1
VOUT1
VOUT2
Figure 33. Large Signal Step Response (Single-Ended Output), VS = ±5 V
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
TIME (100ns/DIV)
VS = ±5V
G = +1
RL = 1kΩ
Figure 34. Large Signal Step Response (Differential Output), VS = ±5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com