Electronic Components Datasheet Search
  English  ▼

X  

ADA4350 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4350
Description  FET Input Analog Front End with ADC Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4350 Datasheet(HTML) 4 Page - Analog Devices

  ADA4350 Datasheet HTML 1Page - Analog Devices ADA4350 Datasheet HTML 2Page - Analog Devices ADA4350 Datasheet HTML 3Page - Analog Devices ADA4350 Datasheet HTML 4Page - Analog Devices ADA4350 Datasheet HTML 5Page - Analog Devices ADA4350 Datasheet HTML 6Page - Analog Devices ADA4350 Datasheet HTML 7Page - Analog Devices ADA4350 Datasheet HTML 8Page - Analog Devices ADA4350 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
Data Sheet
ADA4350
Rev. B | Page 3 of 37
SPECIFICATIONS
±5 V FULL SYSTEM
TA = 25°C, +VS = +5 V, −VS = −5 V, RL = 1 kΩ differential, unless otherwise specified.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
Gain (G) = −5, VOUT = 200 mV p-p
20
MHz
G = −5, VOUT = 2 V p-p
12
MHz
Slew Rate
VOUT = 2 V step, 10% to 90%
60
V/µs
HARMONIC PERFORMANCE
Harmonic Distortion (HD2/HD3)
G = −5, fC = 100 kHz
−95/−104
dBc
G = −5, fC = 1 MHz
−77/−78
dBc
DC PERFORMANCE
Input Bias Current
At 25°C
±0.25
±1
pA
At 85°C
±8
±25
pA
INPUT CHARACTERISTICS
Input Resistance
Common mode
100
GΩ
Input Capacitance
Common mode
2
pF
Differential mode
3
pF
Input Common-Mode Voltage Range
Common-mode rejection ratio (CMRR) > 80 dB
−4.5
+3.8
V
CMRR > 68 dB
−5
+3.9
V
Common-Mode Rejection
VCM = ±3.0 V
92
104
dB
OUTPUT CHARACTERISTICS
Linear Output Current
VOUT = 4 V p-p, 60 dB spurious-free dynamic
range (SFDR)
18
mA rms
Short-Circuit Current
Sinking/sourcing
43/76
mA
Settling Time to 0.1%
G = −5, VOUT = 2 V step
100
ns
ANALOG POWER SUPPLY (+VS, −VS)
Operating Range
3.3
12
V
Quiescent Current
Enabled
8.5
10
mA
M1 disabled (see Figure 1)
7
mA
All disabled
2
µA
Positive Power Supply Rejection Ratio
90
dB
Negative Power Supply Rejection Ratio
85
dB
DIGITAL SUPPLIES
DVDD, DGND
Digital Supply Range
3.3
5.5
V
Quiescent Current
Enabled
50
µA
Disabled
0.6
µA
+VS to DGND Head Room
≥3.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com