Electronic Components Datasheet Search
  English  ▼

X  

ADA2200 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA2200
Description  Demodulates signal input bandwidths to 30 kHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA2200 Datasheet(HTML) 4 Page - Analog Devices

  ADA2200 Datasheet HTML 1Page - Analog Devices ADA2200 Datasheet HTML 2Page - Analog Devices ADA2200 Datasheet HTML 3Page - Analog Devices ADA2200 Datasheet HTML 4Page - Analog Devices ADA2200 Datasheet HTML 5Page - Analog Devices ADA2200 Datasheet HTML 6Page - Analog Devices ADA2200 Datasheet HTML 7Page - Analog Devices ADA2200 Datasheet HTML 8Page - Analog Devices ADA2200 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Data Sheet
ADA2200
SPECIFICATIONS
VDD = 3.3 V, VOCM = VDD/2, fCLKIN = fSI = 500 kHz, default register configuration, differential input/output, RL = 1 MΩ to GND, TA = 25°C,
unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SYNCHRONOUS DEMODULATION
Measurements are cycle mean values,1
4 V p-p differential, fIN = 7.8125 kHz
Conversion Gain1
1.02
1.055
1.09
V/V rms
Average Temperature Drift
5
ppm/°C
Output Offset, Shorted Inputs
−39
+39
mV
Average Temperature Drift
6.5
μV/°C
Power Supply Sensitivity
Change in output over change in VDD
0.5
mV/V
Measurement Noise
Input signal at 83°θREL1
240
μV rms
Phase Delay (°θDELAY)1
Input signal relative to RCLK
83
°θREL
Average Temperature Drift
70
μ°θREL/°C
Phase Measurement Noise
Input signal at 83°θREL
9.3
m°θREL rms
Shorted Input Noise
0.1 Hz to 10 Hz
300
μV p-p
Common-Mode Rejection2
0 kHz to 1 kHz offset from fMOD
75
dB
Demodulation Signal Bandwidth
fCLKIN = 1 MHz
30
kHz
INPUT CHARACTERISTICS
Input Voltage Range
INP or INN to GND
0.3
VDD − 0.3
V
Common-Mode Input Voltage Range
4 V p-p differential input
VOCM − 0.2
VOCM + 0.2
V
Single-Ended Input Voltage Range
Reference Input
VOCM − 0.2
VOCM + 0.2
V
Signal Input
VOCM − 1.0
VOCM + 1.0
V
Input Impedance3
INP to INN
80
kΩ
Input Signal Bandwidth (−3 dB)
Input sample and hold circuit
4
MHz
OUTPUT CHARACTERISTICS
Each output, RL = 10 kΩ to GND
Output Voltage Range
0.3
VDD − 0.3
V
Short-Circuit Current
OUTP or OUTN to GND
15
mA
Common-Mode Output (VOCM)
Voltage
1.63
1.65
1.67
V
Average Temperature Drift
9
μV/°C
Output Settling Time, to 0.1% of Final
Value
3.7 V output step, RLOAD = 10 kΩ||10 pF,
fCLKIN = 125 kHz
15
μs
DEFAULT FILTER CHARACTERISTICS
Mixing disabled, VIN = 4 V p-p differential
Center Frequency (fC)
fC = fSO/8
7.8125
kHz
Quality Factor (Q)
fC/(filter 3 dB bandwidth)
1.9
Hz/ΔHz
Pass Band Gain
fIN = 7.8125 kHz
1.05
V/V
TOTAL HARMONIC DISTORTION (THD)
Filter configuration = LPF at fNYQ/6, fIN =
850 Hz, VIN = 4 V p-p differential input
Second Through Fifth Harmonics
−80
dBc
CLOCKING CHARACTERISTICS
CLKIN Frequency Range (fCLKIN)
TA = −40°C to +85°C
CLKIN DIV[2:0] = 256
2.56
20
MHz
CLKIN DIV[2:0] = 64
0.64
20
MHz
CLKIN DIV[2:0] = 16
0.16
16
MHz
CLKIN DIV[2:0] = 1
0.01
1
MHz
Maximum CLKIN Frequency
While booting from EEPROM
12.8
MHz
Rev. 0 | Page 3 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com