Electronic Components Datasheet Search
  English  ▼

X  

ADA2200 Datasheet(PDF) 17 Page - Analog Devices

Part # ADA2200
Description  Demodulates signal input bandwidths to 30 kHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA2200 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA2200 Datasheet HTML 13Page - Analog Devices ADA2200 Datasheet HTML 14Page - Analog Devices ADA2200 Datasheet HTML 15Page - Analog Devices ADA2200 Datasheet HTML 16Page - Analog Devices ADA2200 Datasheet HTML 17Page - Analog Devices ADA2200 Datasheet HTML 18Page - Analog Devices ADA2200 Datasheet HTML 19Page - Analog Devices ADA2200 Datasheet HTML 20Page - Analog Devices ADA2200 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
ADA2200
Data Sheet
APPLICATIONS INFORMATION
The signal present at the output of the ADA2200 depends on
the amplitude and relative phase of the signal applied at it inputs.
When the amplitude or phase is known and constant, any
output variations can be attributed to the modulated parameter.
Therefore, when the relative phase of the input is constant, the
ADA2200 performs amplitude demodulation. When the amplitude
is constant, the ADA2200 performs phase demodulation.
The sampling and demodulation processes introduce additional
frequency components onto the output signal. If the output
signal of the ADA2200 is used in the analog domain or if it is
sampled asynchronously to the ADA2200 sample clock, these high
frequency components can be removed by following the
ADA2200 with a reconstruction filter.
If the ADA2200 output is sampled synchronously to the
ADA2200 output sample rate, an analog reconstruction filter is
not required because the ADC inherently rejects sampling
artifacts. The frequency artifacts introduced by the
demodulation process can be removed by digital filtering.
AMPLITUDE MEASUREMENTS
If the relative phase of the input signal to the ADA2200 remains
constant, the output amplitude is directly proportional to the
amplitude of the input signal. Note that the signal gain is a
function of the relative phase of the input signal. Figure 15 shows
the relationship between the cycle mean output and the relative
phase. The cycle mean output voltage is
VCYCLEMEAN = Conversion Gain × VIN(RMS) × sin(θREL − θDEL) =
1.05 ×VIN(RMS) × sin(θREL − θDEL)
Therefore, the highest gain, and thus the largest signal-to-noise
ratio measurement, is obtained when operating the ADA2200
with θREL = θDEL + 90° = 173°. This value of θREL is also the
operating point with the lowest sensitivity to changes in the
relative phase. Operating with θREL = θDEL − 90° = −7° offers the
same gain and measurement accuracy, but with a sign inversion.
PHASE MEASUREMENTS
If the amplitude of the input signal to the ADA2200 remains
constant, the output amplitude is a function of the relative
phase of the input signal. The relative phase can be measured as
θREL = sin−1(VCYCLEMEAN/(Conversion Gain × VIN(RMS))) + θDEL =
sin−1(VCYCLEMEAN/(1.05 × VIN(RMS))) + θDEL
Note that the output voltage scales directly with the input signal
amplitude. A full-scale input signal provides the greatest phase
sensitivity (V/°θREL) and thus the largest signal-to-noise ratio
measurement.
The phase sensitivity also varies with relative phase. The
sensitivity is at a maximum when θREL = 83°. For this reason, the
optimal measurement range is for input signals with a relative
phase equal to the phase delay of ±45°. This range provides the
highest gain and thus the largest signal-to-noise ratio
measurement. This range is also the operating point with the
lowest sensitivity to changes in the relative phase. Operating at a
relative phase equal to the phase delay of −135° to −225° offers
the same gain and measurement accuracy, but with a sign
inversion.
The phase sensitivity with a 4 V p-p differential input operating
with a relative phase that is equal to the phase delay results in a
phase sensitivity of 36.6 mV/°θREL.
AMPLITUDE AND PHASE MEASUREMENTS
When both the amplitude and relative phase of the input signals
are unknown, it is necessary to obtain two orthogonal
components of the signal to determine its amplitude, relative
phase, or both. These two signal components are referred to as
the in-phase (I) and quadrature (Q) components of the signal.
A signal with two known rectangular components is represented as
a vector or phasor with an associated amplitude and phase (see
Figure 25).
Figure 25. Rectangular and Polar Representation of a Signal
If the signal amplitude remains nearly constant for the duration
of the measurement, it is possible to measure both the I and the
Q components of the signal by toggling the PHASE90 bit
between two consecutive measurements. To measure the I
component, set the PHASE90 bit to 0. To measure the Q
component, set the PHASE90 bit to 1.
After both the I and Q components have been obtained, it is
possible to separate the effects of the amplitude and phase
variations. Then, calculate the magnitude and relative phase
using the following formulas:
2
2
Q
I
A
+
=
DEL
REL
A
Q
θ
θ
+


=
1
–
cos
Or alternatively
DEL
REL
A
I
θ
θ
+


=
1
–
sin
Q
A
I
θ
I
II
IV
III
Rev. 0 | Page 16 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com