Electronic Components Datasheet Search
  English  ▼

X  

ADA2200 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA2200
Description  Demodulates signal input bandwidths to 30 kHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA2200 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA2200 Datasheet HTML 11Page - Analog Devices ADA2200 Datasheet HTML 12Page - Analog Devices ADA2200 Datasheet HTML 13Page - Analog Devices ADA2200 Datasheet HTML 14Page - Analog Devices ADA2200 Datasheet HTML 15Page - Analog Devices ADA2200 Datasheet HTML 16Page - Analog Devices ADA2200 Datasheet HTML 17Page - Analog Devices ADA2200 Datasheet HTML 18Page - Analog Devices ADA2200 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
ADA2200
Data Sheet
Phase Shifter
It is possible to change the timing of the output samples with
respect to RCLK by writing to the PHASE90 bit in Register
0x002A. When the alternative timing option is selected, two
output samples are updated while RCLK is low, and two are
updated while RCLK is high. The second sample, which is taken
while RCLK is high, is held four additional output sample
periods. The timing is shown in Figure 5.
Applying a 90° phase shift can be useful in a number of instances. It
enables a pair of ADA2200 devices to perform in phase and
quadrature demodulation. A 90° phase shift can also be useful in
control systems for selecting an appropriate error signal output.
Figure 23. Output Sample Timing Relative to RCLK,
(A) PHASE90 = 0, (B) PHASE90 = 1
CLOCKING OPTIONS
The ADA2200 has several clocking options to make system
integration easier.
Clock Dividers
The ADA2200 has a pair of on-chip clock dividers to generate
the system clocks. The input clock divider, CLKIN DIV[2:0], sets
the input sample rate of the decimator (fSI) by dividing the CLKIN
signal. The value of CLKIN DIV[2:0] can be set to 1, 16, 64, or 256.
The output sample rate (fSO) is always 1/8th of the decimator
input sample rate.
The RCLK divider, RCLK DIV[1:0], sets the frequency of the
mixer frequency, fM (which is also the frequency of RCLK) by
dividing fSO by either 4 or 8.
Synchronization Pulse Output
The ADA2200 generates an output pulse (SYNCO), which can
be used by a microprocessor or directly by an ADC to initiate
an analog to digital conversion of the ADA2200 output. The
SYNCO signal ensures that the ADC sampling occurs at an
optimal time during the ADA2200 output sample window.
One output sample of the ADA2200 is 8 fSI clock cycles long.
The SYNCO pulse is 1 fSI clock cycle in duration. As shown in
Figure 24, the SYNCO pulse can be programmed to occur at 1
of 16 different timing offsets. The timing offsets are spaced at ½
fSI clock cycle intervals and span the full output sample window.
The SYNCO pulse can be inverted, or the SYNCO output can
be disabled. The operation of the SYNCO timing generation
configuration settings are contained in Register 0x0029.
Figure 24. SYNCO Output Timing Relative to OUTP/OUTN, INP/INN,
and CLKIN
(A)
(B)
INx, OUTx
SYNCO (0)
SYNCO (1)
SYNCO (13)
SYNCO (14)
SYNCO (15)
CLKIN
0
2
4
6
8
10
12
Rev. 0 | Page 14 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com