Electronic Components Datasheet Search
  English  ▼

X  

ADA2200 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA2200
Description  Demodulates signal input bandwidths to 30 kHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA2200 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA2200 Datasheet HTML 8Page - Analog Devices ADA2200 Datasheet HTML 9Page - Analog Devices ADA2200 Datasheet HTML 10Page - Analog Devices ADA2200 Datasheet HTML 11Page - Analog Devices ADA2200 Datasheet HTML 12Page - Analog Devices ADA2200 Datasheet HTML 13Page - Analog Devices ADA2200 Datasheet HTML 14Page - Analog Devices ADA2200 Datasheet HTML 15Page - Analog Devices ADA2200 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Data Sheet
ADA2200
THEORY OF OPERATION
The ADA2200 is a synchronous demodulator and tunable
filter implemented with sampled analog technology (SAT).
Synchronous demodulators, also known as lock-in amplifiers,
enable accurate measurement of small ac signals in the presence
of noise interference orders of magnitude greater than the signal
amplitude. Synchronous demodulators use phase sensitive
detection to isolate the component of the signal at a specific
reference frequency and phase. Noise at frequencies that are
offset from the reference frequency are easily rejected and do
not significantly impair the measurement.
SAT works on the principle of charge sharing. A sampled
analog signal is a stepwise continuous signal without amplitude
quantization. This contrasts with a signal sampled by an ADC,
which becomes a discrete time signal with quantized amplitude.
With SAT, the input signal is sampled by holding the voltage on
a capacitor at the sampling instant. Basic signal processing can
then be performed in the analog domain by charge sharing among
capacitors. The ADA2200 includes an analog domain low-pass
decimation filter, a programmable IIR filter, and a mixer. This
combination of features enables reduced ADC sample rates and
lowers the downstream digital signal processing requirements if
the signal is digitized.
The output of the ADA2200 can also be used in an all analog
signal path. In these applications, add a reconstruction filter
following the ADA2200 in the signal path.
SYNCHRONOUS DEMODULATION BASICS
Employing synchronous demodulation as a sensor signaling
conditioning technique can result in improved sensitivity when
compared to other methods. Synchronous demodulation adds
two key benefits for recovering small sensor output signals in
the presence of noise. The first benefit being the addition of an
excitation signal, which enables the sensor output signal to be
moved to a lower noise frequency band. The second benefit is
that synchronous demodulation enables a simple low-pass filter
to remove most of the remaining undesired noise components.
Figure 16 shows a basic synchronous demodulation system used
for measuring the output of a sensor.
Figure 16. Basic Synchronous Demodulator Block Diagram
A carrier signal (fMOD) excites the sensor. This shifts the signal
generated by the physical parameter being measured by the
sensor to the carrier frequency. This shift allows the desired signal
to be placed in a frequency band with lower noise, improving
the accuracy of the measurement. A band-pass filter (BPF)
removes some of the out of band noise. A synchronous
demodulator (or mixer) shifts the signal frequency back to dc.
The last stage low-pass filter removes much of the remaining
noise. Figure 17 and Figure 18 show the frequency spectrum of
the signal at different points in the synchronous demodulator.
Figure 17. Output Spectrum of Synchronous Demodulator
Before Demodulation
Figure 18. Output Spectrum of Synchronous Demodulator
After Demodulation
Phase Sensitive Detection
Synchronous demodulation uses the principle of phase sensitive
detection to separate the signal of interest from unwanted signals.
In Figure 16, the mixer performs the phase sensitive detection.
The signal at the mixer output (C) is the product of the reference
signal and a filtered version of the sensor output (B). If the
reference signal is a sine wave, the physical parameter is a
constant and there is no noise in the system. The signal at the
output of the BPF is a sine wave that can be expressed as
VBsin(ωREFt + ϕB)
LPF
SENSOR
PHYSICAL
PARAMETER
NOISE
fMOD
A
B
C
D
fREF
BPF
fREF
NOISE AT A
SENSOR
SIGNAL AT A, B
NOISE AT B
PHYSICAL
PARAMETER
fREF
NOISE AT D
NOISE AT C
SENSOR
SIGNAL AT C, D
Rev. 0 | Page 11 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com