Electronic Components Datasheet Search
  English  ▼

X  

ADA2200 Datasheet(PDF) 24 Page - Analog Devices

Part # ADA2200
Description  Demodulates signal input bandwidths to 30 kHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA2200 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADA2200 Datasheet HTML 17Page - Analog Devices ADA2200 Datasheet HTML 18Page - Analog Devices ADA2200 Datasheet HTML 19Page - Analog Devices ADA2200 Datasheet HTML 20Page - Analog Devices ADA2200 Datasheet HTML 21Page - Analog Devices ADA2200 Datasheet HTML 22Page - Analog Devices ADA2200 Datasheet HTML 23Page - Analog Devices ADA2200 Datasheet HTML 24Page - Analog Devices ADA2200 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
Data Sheet
ADA2200
Name
Address
(Hex)
Bits
Bit Name
Description
Default1
Clock
Configuration
0x002B
[4:2]
CLKIN DIV[2:0]
The division factor between fCLKIN and fSI.
000
000 = divide by 1.
001 = divide by 16.
010 = divide by 64.
100 = divide by 256.
[1:0]
RCLK DIV[1:0]
These bits set the division factor between fSO and fM.
10
00 = reserved.
01 = the frequency of RCLK is fSO/4.
10 = the frequency of RCLK is fSO/8.
11 = reserved.
Digital Pin
Configuration
0x002C
0
RCLK/SDO output
enable
1 = RCLK/SDO output pad driver is enabled.
1
Core Reset
0x002D
0
Core reset
1 = puts the device core into reset. The values of the SPI registers
are preserved. This does not initiate a boot from the EEPROM.
0
0 = core reset is deasserted.
Checksum
0x002E
[7:0]
Checksum value[7:0]
This is the 8-bit checksum calculated by the ADA2200, performed
on the data it reads from the EEPROM.
N/A
EEPROM
Status
0x002F
2
Checksum failed
1 = calculated checksum does not match the checksum byte read
from the EEPROM.
N/A
1
Checksum passed
1 = calculated checksum matches the checksum byte read from
the EEPROM.
N/A
0
Boot from EEPROM
complete
1 = boot from the EEPROM has completed.
N/A
0 = boot from the EEPROM has timed out. Wait 10,000 clock
cycles after the boot is initiated to check for boot completion.
1
NA/ means not applicable.
2
The filter coefficients listed are the default values programmed into the filter on reset. The value read back from the registers is 0x00.
Figure 33. Detailed Block Diagram
1
0
1
0
INP
INN
CLKIN
XOUT
VOCM
RCLK/SDO
OUTN
OUTP
VDD
LPF
8
÷8
SYNCO
SCLK/SCL
SDIO/SDA
CS/A0
CONTROL
REGISTERS
SPI/I2C
MASTER
RST
BOOT
ADA2200
0x0028[1]
0x0024
TO
0x0027
0x002A[4]
0x002A[6]
{000,001,010,100}
÷ {1,16,64,256}
fSO
fM
fSI
fCLKIN
0x002B[4:2]
{1,0}
÷ {4,8}
0x002B[0]
BPF
fNYQ/4
S/H
VOCM
GEN
0x002A[2:0]
0x002A[3]
0x002C[0]
0x0029[3:0]
0x0029[5]
0x0029[4]
0x0028[0]
90°
0
1
0
1
EN
RCLK
TRI
SYNC
GEN
EN
EN
÷32
CLKIN
SDO
Rev. 0 | Page 23 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com